Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAD2710L Datasheet (PDF) - Intersil Corporation

KAD2710L Datasheet PDF - Intersil Corporation
Part # KAD2710L
Download  KAD2710L Download
File Size   346.49 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 275/210/170/105MSPS A/D Converter

KAD2710L Datasheet (PDF)

Go To PDF Page Download Datasheet
KAD2710L Datasheet PDF - Intersil Corporation

Part # KAD2710L
Download  KAD2710L Click to download

File Size   346.49 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, 275/210/170/105MSPS A/D Converter

KAD2710L Datasheet (HTML) - Intersil Corporation


KAD2710L Product details

The KAD2710L is the industry’s lowest power, 10-bit, 275MSPS, high performance Analog-to-Digital converter. It is designed with Intersil’s proprietary FemtoCharge™ technology on a standard CMOS process.

Features
• On-Chip Reference
• Internal Sample and Hold
• 1.5VP-P Differential Input Voltage
• 600MHz Analog Input Bandwidth
• Two’s Complement or Binary Output
• Over-Range Indicator
• Selectable ÷2 Clock Input
• LVDS Compatible Outputs

Applications
• High-Performance Data Acquisition
• Portable Oscilloscope
• Medical Imaging
• Cable Head Ends
• Power-Amplifier Linearization
• Radar and Satellite Antenna Array Processing
• Broadband Communications
• Point-to-Point Microwave Systems
• Communications Test Equipment
• Pb-Free (RoHS Compliant)




Similar Part No. - KAD2710L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KAD2710L ETC2-KAD2710L Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Renesas Technology Corp
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
10-Bit, 275/210/170/105MSPS A/D Converter
logo
Intersil Corporation
KAD2710L-10 INTERSIL-KAD2710L-10 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
List of Unclassifed Man...
KAD2710L-10Q68 ETC2-KAD2710L-10Q68 Datasheet
417Kb / 17P
10-Bit, 275MSPS Analog-to-Digital Converter
logo
Renesas Technology Corp
KAD2710L-10Q68 RENESAS-KAD2710L-10Q68 Datasheet
797Kb / 17P
10-Bit, 275/210/170/105MSPS A/D Converter
More results


Similar Description - KAD2710L

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
KAD5610P INTERSIL-KAD5610P Datasheet
444Kb / 27P
Dual 10-Bit, 250/210/170/125MSPS A/D Converter
January 30, 2009
KAD2708C INTERSIL-KAD2708C Datasheet
323Kb / 15P
8-Bit, 275/210/170/105MSPS A/D Converter
December 5, 2008
KAD2708L INTERSIL-KAD2708L Datasheet
338Kb / 15P
8-Bit, 350/275/210/170/105MSPS A/D Converter
December 5, 2008
KAD2710C INTERSIL-KAD2710C Datasheet
332Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
KAD2708C INTERSIL-KAD2708C_11 Datasheet
604Kb / 16P
8-Bit, 275/210/170/105MSPS A/D Converter
April 14, 2011
KAD2708L INTERSIL-KAD2708L_11 Datasheet
622Kb / 16P
8-Bit, 350/275/210/170/105MSPS A/D Converter
April 14, 2011
logo
Renesas Technology Corp
KAD2708C RENESAS-KAD2708C Datasheet
791Kb / 17P
8-Bit, 275/210/170/105MSPS A/D Converter
KAD2708L RENESAS-KAD2708L Datasheet
801Kb / 17P
8-Bit, 350/275/210/170/105MSPS A/D Converter
KAD2710C RENESAS-KAD2710C Datasheet
765Kb / 16P
10-Bit, 275/210/170/105MSPS A/D Converter
KAD2710L RENESAS-KAD2710L Datasheet
797Kb / 17P
10-Bit, 275/210/170/105MSPS A/D Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com