Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK9151 Datasheet (PDF) - List of Unclassifed Manufacturers

MK9151 Datasheet PDF - List of Unclassifed Manufacturers
Part # MK9151
Download  MK9151 Download
File Size   65.64 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Level sensing relay MK 9151 varimeter

MK9151 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK9151 Datasheet PDF - List of Unclassifed Manufacturers

Part # MK9151
Download  MK9151 Click to download

File Size   65.64 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Level sensing relay MK 9151 varimeter

MK9151 Datasheet (HTML) - List of Unclassifed Manufacturers


MK9151 Product details

[E. DOLD]

Level sensing relay MK 9151 varimeter

• According to IEC/EN 60 255, DIN VDE 0435-303
• 3 probe connections for 2-point and 1-point level control
• Also for use as moisture detector
• High interference resistance of the measuring circuit, which is isolated from the mains
• Max. wire length to the probes: 1500 m
• Large setting range: 2 ... 450 kΩ this permits differentiation between fluid and foam
• Adjustable response and release time delay: 0,2 ... 20 s
• Programmable for open circuit operation (without bridge) or closed circuit operation(bridge X1-X2 or X1-COM)
• For auxiliary voltages of 24 ... 415 V AC or 24 V DC
• Green LED for operation
• Yellow LED for contact position
• 1 or 2 changeover contacts
• Also available with sealable transparent cover
• Available with safe separation according to IEC/EN 61 140, IEC/EN 60 947-1
• Width 22,5 mm

Application
• Level monitoring and control for conductive liquids and powders, e.g. maximum and minimum filling levels, overfilling and protection against dry running
• Monitoring and control of the mixing ratio of conductive liquids
• General resistance monitoring tasks, e.g. limit temperature detection with PTC




Similar Part No. - MK9151

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
MK91-12-R/230VAC TURCK-MK91-12-R/230VAC Datasheet
226Kb / 2P
L2vel controller 1-channel
2023-07-21
MK91-12-R/24VDC TURCK-MK91-12-R/24VDC Datasheet
223Kb / 2P
Level controller 1-channel
2023-07-21
MK91-121-R/24VDC TURCK-MK91-121-R/24VDC Datasheet
221Kb / 2P
Level controller 1-channel
2023-07-21
MK91-R11/24VDC TURCK-MK91-R11/24VDC Datasheet
141Kb / 2P
Level controller 1-channel
2023-07-21
logo
Integrated Circuit Syst...
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
Video Genlock PLL
More results


Similar Description - MK9151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SV1A010M01 ETC-SV1A010M01 Datasheet
39Kb / 1P
Current Sensing Relay
logo
Omron Electronics LLC
MK3P5-S-AC240 OMRON-MK3P5-S-AC240 Datasheet
653Kb / 10P
General Purpose Relay MK
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Pericom Semiconductor C...
PI4ULS5V201 PERICOM-PI4ULS5V201 Datasheet
534Kb / 11P
1-Bit Bi-directional Level Shifter with Automatic Sensing
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
Level sensing
logo
FOTEK CONTROLS CO., LTD...
FR-1 FOTEK-FR-1 Datasheet
131Kb / 1P
FLOATLESS LEVEL RELAY
logo
Littelfuse
48541 LITTELFUSE-48541 Datasheet
786Kb / 4P
FlexMod™ ELECTRONIC VOLTAGE SENSING RELAY & TIMER
2017 Rev: 053117
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com