Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17533 Datasheet (PDF) - Motorola, Inc

MPC17533 Datasheet PDF - Motorola, Inc
Part # MPC17533
Download  MPC17533 Download
File Size   1047.13 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SMARTMOS 2 Channel H-Bridge Driver IC

MPC17533 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPC17533 Datasheet PDF - Motorola, Inc

Part # MPC17533
Download  MPC17533 Click to download

File Size   1047.13 Kbytes
Page   10 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SMARTMOS 2 Channel H-Bridge Driver IC

MPC17533 Datasheet (HTML) - Motorola, Inc


MPC17533 Product details

SMARTMOS 2 Channel H-Bridge Driver IC

MPC17533 is a monolithic type SMOS5AP SMARTMOS IC built in 2 channel H-Bridge Driver constituted LDMOSFET, input section can be directly interfaced from the MCU.
This IC can control 4 mode output function (Forward, Reverse, Brake, Open) by input logic.
This IC can drive various type of micro motor and low loss by parallel drive because each block is very accurate for high speed drive and independent input/output circuit.

Features
- Manufactured by SMOS5AP process technology
- Built in 2 Channel Circuit of H-Bridge Driver
- 4 Mode Drive(Forward, Reverse, Brake, Open)
- Direct Interface from the MCU
- Low ON-Resistance Ron=0.8 ohm(typ)
- IDR=0.7A (Cont.)
- Low Consumption Power
- Built in Shoot Through Current Prevention Circuit
- Built in Low Voltage Shutdown Circuit
- Dual Channel Parallel Drive (Ron=0.8 ohm:typ)
- PWM Control frequency 200kHz(Max.)
- Comes in 16-pin Very Fine Mini-flat Package (pin pitch : 0.65mm)




Similar Part No. - MPC17533

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17533EV FREESCALE-MPC17533EV Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17533EVEL FREESCALE-MPC17533EVEL Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
More results


Similar Description - MPC17533

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4301 NJRC-NJW4301 Datasheet
225Kb / 11P
2 CHANNEL BRIDGE DRIVER IC
logo
Rohm
BD6735FV ROHM-BD6735FV Datasheet
386Kb / 3P
2 CHANNEL H- BRIDGE MOTOR DRIVER
logo
Motorola, Inc
MPC17511 MOTOROLA-MPC17511 Datasheet
1Mb / 10P
1 Channel H-Bridge Driver IC
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G Datasheet
270Kb / 15P
H-Bridge Driver IC
Rev 2.2 2006-01-30
TLE6284G INFINEON-TLE6284G Datasheet
261Kb / 15P
H-Bridge Driver IC
2006-01-30
TLE6284G INFINEON-TLE6284G_08 Datasheet
299Kb / 17P
H-Bridge Driver IC
Rev 2.4 2008-03-18
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T Datasheet
113Kb / 7P
2 Channel H Bridge Constant Voltage/ Constant Current Driver IC
logo
Texas Instruments
DRV8844 TI1-DRV8844 Datasheet
705Kb / 17P
QUAD 1/2-H-BRIDGE DRIVER IC
logo
Sanyo Semicon Device
LB1939T SANYO-LB1939T_09 Datasheet
67Kb / 7P
2 Channel H Bridge Constant Voltage/Constant Current Driver IC
logo
AMtek SEMICONDUCTORS CO...
AM1025EA AMTEK-AM1025EA Datasheet
773Kb / 12P
Single-channel H-bridge motor driver IC
Feb. 2017 V1.3
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com