Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDM1100LP Datasheet (PDF) - Diodes Incorporated

SDM1100LP Datasheet PDF - Diodes Incorporated
Part # SDM1100LP
Download  SDM1100LP Download
File Size   438.81 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A SCHOTTKY BARRIER RECTIFIER

SDM1100LP Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM1100LP Datasheet PDF - Diodes Incorporated

Part # SDM1100LP
Download  SDM1100LP Click to download

File Size   438.81 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A SCHOTTKY BARRIER RECTIFIER

SDM1100LP Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SDM1100LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM1100S1F DIODES-SDM1100S1F Datasheet
318Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
SDM1100S1F-7 DIODES-SDM1100S1F-7 Datasheet
318Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev erse
More results


Similar Description - SDM1100LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB1003EJ SANYO-SB1003EJ Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE 30V, 1A RECTIFIER
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
logo
Diodes Incorporated
BAT1000 DIODES-BAT1000_10 Datasheet
80Kb / 4P
1A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 9 - 2 October 2010
logo
KODENSHI_AUK CORP.
SDB120G KODENSHI-SDB120G Datasheet
247Kb / 5P
20V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130 KODENSHI-SDB130 Datasheet
235Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B KODENSHI-SDB130B Datasheet
240Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
SDB130B-1 KODENSHI-SDB130B-1 Datasheet
233Kb / 5P
30V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SDM1U100S1F DIODES-SDM1U100S1F Datasheet
390Kb / 5P
1A SCHOTTKY BARRIER RECTIFIER
Rev 4
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com