Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBE808 Datasheet (PDF) - Sanyo Semicon Device

SBE808 Datasheet PDF - Sanyo Semicon Device
Part # SBE808
Download  SBE808 Download
File Size   40.13 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 15V, 1A Rectifier

SBE808 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBE808 Datasheet PDF - Sanyo Semicon Device

Part # SBE808
Download  SBE808 Click to download

File Size   40.13 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description Schottky Barrier Diode 15V, 1A Rectifier

SBE808 Datasheet (HTML) - Sanyo Semicon Device


SBE808 Product details

15V, 1A Rectifier

Features
• Small switching noise.
• Low leakage current and high reliability due to planar structure.
• Ultrasmall package permitting applied sets to be small and slim.

Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBE808

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBE808 ONSEMI-SBE808 Datasheet
743Kb / 4P
Schottky Barrier Diode
May, 2014
SBE808-TL-E ONSEMI-SBE808-TL-E Datasheet
743Kb / 4P
Schottky Barrier Diode
May, 2014
SBE808-TL-W ONSEMI-SBE808-TL-W Datasheet
743Kb / 4P
Schottky Barrier Diode
May, 2014
More results


Similar Description - SBE808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
SBS804 SANYO-SBS804 Datasheet
25Kb / 3P
15V, 1A Rectifier
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS011 SANYO-SBS011 Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 150mA Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SS1003EJ SANYO-SS1003EJ Datasheet
36Kb / 3P
Schottky Barrier Diode 30V, 1A Rectifier
SS05015M SANYO-SS05015M Datasheet
33Kb / 3P
Schottky Barrier Diode 15V, 500mA Rectifier
SS05015SH SANYO-SS05015SH Datasheet
31Kb / 3P
Schottky Barrier Diode 15V, 0.5A Rectifier
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com