Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBS804 Datasheet (PDF) - Sanyo Semicon Device

SBS804 Datasheet PDF - Sanyo Semicon Device
Part # SBS804
Download  SBS804 Download
File Size   25.64 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 1A Rectifier

SBS804 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBS804 Datasheet PDF - Sanyo Semicon Device

Part # SBS804
Download  SBS804 Click to download

File Size   25.64 Kbytes
Page   3 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 15V, 1A Rectifier

SBS804 Datasheet (HTML) - Sanyo Semicon Device


SBS804 Product details

Features
• Low forward voltage
   (IF=0.5A, VF max=0.35V)
   (IF=1.0A, VF max=0.4V).
• Short reverse recovery time(trr max.=15ns).
• Composite type with 2 low VF SBDs in one package,
   facilitating high-density mounting.
• The SBS804 is composed of 2 chips that are
   equivalent to the SBS004.
  
Applications
• High frequency rectification (switching regulators, converters, choppers).




Similar Part No. - SBS804

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBS805 SANYO-SBS805 Datasheet
31Kb / 3P
30V, 1A Rectifier
SBS806M SANYO-SBS806M Datasheet
45Kb / 3P
30V, 0.5A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
More results


Similar Description - SBS804

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB10-015C SANYO-SB10-015C Datasheet
100Kb / 3P
15V, 1A Rectifier
SB10-015P SANYO-SB10-015P Datasheet
25Kb / 3P
15V, 1A Rectifier
SBS004 SANYO-SBS004 Datasheet
39Kb / 3P
15V, 1A Rectifier
logo
Rohm
2SB1590K ROHM-2SB1590K Datasheet
71Kb / 3P
Power Transistor (-15V, -1A)
logo
Sanyo Semicon Device
SS10015M SANYO-SS10015M Datasheet
98Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
logo
Rohm
2SD2444K ROHM-2SD2444K Datasheet
69Kb / 3P
Power Transistor (15V, 1A)
2SD1468S ROHM-2SD1468S Datasheet
73Kb / 4P
Muting Transistor (15V, 1A)
logo
Sanyo Semicon Device
SBE808 SANYO-SBE808 Datasheet
40Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
SBS808M SANYO-SBS808M Datasheet
32Kb / 3P
Schottky Barrier Diode 15V, 1A Rectifier
logo
Rohm
2SD1468S ROHM-2SD1468S_09 Datasheet
164Kb / 4P
Muting Transistor (15V, 1A)
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com