Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4264 Datasheet (PDF) - Alpha & Omega Semiconductors

AO4264 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4264
Download  AO4264 Download
File Size   372.91 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaMOS

AO4264 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4264 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4264
Download  AO4264 Click to download

File Size   372.91 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaMOS

AO4264 Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AO4264

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4264 KEXIN-AO4264 Datasheet
2Mb / 4P
N-Channel MOSFET
AO4264-HF KEXIN-AO4264-HF Datasheet
2Mb / 4P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4264C AOSMD-AO4264C Datasheet
563Kb / 5P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2021
AO4264E AOSMD-AO4264E Datasheet
390Kb / 5P
60V N-Channel AlphaSGT
More results


Similar Description - AO4264

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD502 AOSMD-AOD502 Datasheet
288Kb / 6P
25V N-Channel AlphaMOS
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
30V N-Channel AlphaMOS
AON7752 AOSMD-AON7752 Datasheet
285Kb / 6P
30V N-Channel AlphaMOS
AON6266 AOSMD-AON6266 Datasheet
373Kb / 6P
60V N-Channel AlphaMOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com