Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4264C Datasheet (PDF) - Alpha & Omega Semiconductors

AO4264C Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4264C
Download  AO4264C Download
File Size   563.54 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGTTM

AO4264C Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4264C Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4264C
Download  AO4264C Click to download

File Size   563.54 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGTTM

AO4264C Datasheet (HTML) - Alpha & Omega Semiconductors


AO4264C Product details

General Description
• Trench Power AlphaSGTTM technology • Low RDS(ON) • Logic Level Gate Drive • ESD Protected • Excellent Gate Charge x RDS(ON) Product (FOM) • RoHS and Halogen-Free Compliant

Applications
• High Frequency Switching and Synchronous Rectification




Similar Part No. - AO4264C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO4264 KEXIN-AO4264 Datasheet
2Mb / 4P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4264 AOSMD-AO4264 Datasheet
372Kb / 5P
60V N-Channel AlphaMOS
logo
Guangdong Kexin Industr...
AO4264-HF KEXIN-AO4264-HF Datasheet
2Mb / 4P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4264E AOSMD-AO4264E Datasheet
390Kb / 5P
60V N-Channel AlphaSGT
More results


Similar Description - AO4264C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF024 IRF-IRFF024 Datasheet
132Kb / 7P
60V, N-CHANNEL
IRFM044 IRF-IRFM044 Datasheet
189Kb / 7P
60V, N-CHANNEL
logo
New Jersey Semi-Conduct...
IRF054 NJSEMI-IRF054 Datasheet
98Kb / 2P
60V, N-CHANNEL
logo
Alpha & Omega Semicondu...
AOB66914L AOSMD-AOB66914L Datasheet
668Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: July 2020
AONR66821 AOSMD-AONR66821 Datasheet
448Kb / 6P
v80V N-Channel AlphaSGTTM
Rev.1.0: May 2022
AOTL66518 AOSMD-AOTL66518 Datasheet
601Kb / 6P
150V N-Channel AlphaSGTTM
Rev.1.0: June 2020
AOB66918L AOSMD-AOB66918L Datasheet
382Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: March 2021
AOD66620 AOSMD-AOD66620 Datasheet
581Kb / 6P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2020
AOK66914 AOSMD-AOK66914 Datasheet
583Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.1: June 2020
logo
Guangdong Youtai Semico...
ZXMN6A25 UMW-ZXMN6A25 Datasheet
610Kb / 7P
60V N-Channel
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com