Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOK66914 Datasheet (PDF) - Alpha & Omega Semiconductors

AOK66914 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOK66914
Download  AOK66914 Download
File Size   583.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel AlphaSGTTM

AOK66914 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOK66914 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOK66914
Download  AOK66914 Click to download

File Size   583.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel AlphaSGTTM

AOK66914 Datasheet (HTML) - Alpha & Omega Semiconductors


AOK66914 Product details

General Description
• Trench Power MOSFET - AlphaSGTTM technology • Extremely Low RDS(ON) • Optimized switching performance • 175°C operating temperature • RoHS and Halogen-Free Compliant

Applications
Telecom DC-DC
Industrial power
Load switch




Similar Part No. - AOK66914

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK60B60D1 AOSMD-AOK60B60D1 Datasheet
110Kb / 1P
TO247 PACKAGE MARKING DESCRIPTION
logo
Inchange Semiconductor ...
AOK60B60D1 ISC-AOK60B60D1 Datasheet
599Kb / 3P
IGBT
logo
Alpha & Omega Semicondu...
AOK60B60D1L AOSMD-AOK60B60D1L Datasheet
110Kb / 1P
TO247 PACKAGE MARKING DESCRIPTION
AOK60B65H1 AOSMD-AOK60B65H1 Datasheet
528Kb / 9P
Short-circuit ruggedness
AOK60B65M3 AOSMD-AOK60B65M3 Datasheet
526Kb / 9P
High short-circuit ruggedness
More results


Similar Description - AOK66914

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
International Rectifier
IRHNJ67130 IRF-IRHNJ67130 Datasheet
179Kb / 8P
100V, N-CHANNEL
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB66914L AOSMD-AOB66914L Datasheet
668Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: July 2020
AONR66821 AOSMD-AONR66821 Datasheet
448Kb / 6P
v80V N-Channel AlphaSGTTM
Rev.1.0: May 2022
AOTL66518 AOSMD-AOTL66518 Datasheet
601Kb / 6P
150V N-Channel AlphaSGTTM
Rev.1.0: June 2020
AO4264C AOSMD-AO4264C Datasheet
563Kb / 5P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2021
AOB66918L AOSMD-AOB66918L Datasheet
382Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: March 2021
AOD66620 AOSMD-AOD66620 Datasheet
581Kb / 6P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2020
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com