Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO3442 Datasheet (PDF) - Alpha & Omega Semiconductors

AO3442 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO3442
Download  AO3442 Download
File Size   500.2 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AO3442 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO3442 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO3442
Download  AO3442 Click to download

File Size   500.2 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AO3442 Datasheet (HTML) - Alpha & Omega Semiconductors


AO3442 Product details

General Description
The AO3442 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
    VDS                                   100V
    ID (at VGS=10V)                1A
    RDS(ON) (at VGS=10V)  < 630mΩ
    RDS(ON) (at VGS=4.5V) < 720mΩ




Similar Part No. - AO3442

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
AO3442 KEXIN-AO3442 Datasheet
2Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO3442 VBSEMI-AO3442 Datasheet
1Mb / 9P
N-Channel 100 V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO3442-3 KEXIN-AO3442-3 Datasheet
2Mb / 4P
N-Channel MOSFET
AO3442-HF KEXIN-AO3442-HF Datasheet
2Mb / 4P
N-Channel MOSFET
AO3442-HF-3 KEXIN-AO3442-HF-3 Datasheet
2Mb / 4P
N-Channel MOSFET
More results


Similar Description - AO3442

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
AON6452 AOSMD-AON6452 Datasheet
405Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com