Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD478 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD478 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD478
Download  AOD478 Download
File Size   427.66 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD478 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD478 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD478
Download  AOD478 Click to download

File Size   427.66 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AOD478 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD478 Product details

General Description
The AOD478/AOI478 combines advanced trench MOSFET technology with a low resistance package to provide extremely low R DS(ON). This device is ideal for boost converters and synchronous rectifiers for consumer, telecom, industrial power supplies and LED backlighting.

Product Summary
   VDS                                     100V
   ID (at VGS=10V)                  11A
   RDS(ON) (at VGS=10V)    < 140mΩ
   RDS(ON) (at VGS = 4.5V) < 152mΩ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOD478

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
AOD478 THINKISEMI-AOD478 Datasheet
1Mb / 6P
11Ampere,100Volt Surface Mount Package N-Channel Power MOSFET
logo
VBsemi Electronics Co.,...
AOD478 VBSEMI-AOD478 Datasheet
1,007Kb / 7P
N-Channel 100 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD478 ISC-AOD478 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
AOD478 UMW-AOD478 Datasheet
480Kb / 6P
100V N-Channel MOSFET
More results


Similar Description - AOD478

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
AON6452 AOSMD-AON6452 Datasheet
405Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com