Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AON2290 Datasheet (PDF) - Alpha & Omega Semiconductors

AON2290 Datasheet PDF - Alpha & Omega Semiconductors
Part # AON2290
Download  AON2290 Download
File Size   227.61 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AON2290 Datasheet (PDF)

Go To PDF Page Download Datasheet
AON2290 Datasheet PDF - Alpha & Omega Semiconductors

Part # AON2290
Download  AON2290 Click to download

File Size   227.61 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 100V N-Channel MOSFET

AON2290 Datasheet (HTML) - Alpha & Omega Semiconductors


AON2290 Product details

General Description
The AON2290 combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON). This device is ideal for load switch and battery protection applications.

Product Summary
    VDS                                     100V
    ID (at VGS=10V)                 4.5A
    RDS(ON) (at VGS =10V)  < 72mΩ
    RDS(ON) (at VGS =4.5V) < 97mΩ




Similar Part No. - AON2290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AON220 ETC1-AON220 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
AON222 ETC1-AON222 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Alpha & Omega Semicondu...
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AON2240 KEXIN-AON2240 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON2260 AOSMD-AON2260 Datasheet
237Kb / 5P
60V N-Channel MOSFET
More results


Similar Description - AON2290

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
100V N-Channel MOSFET
AOB410L AOSMD-AOB410L Datasheet
319Kb / 7P
100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
100V N-Channel MOSFET
AON6450 AOSMD-AON6450_11 Datasheet
279Kb / 7P
100V N-Channel MOSFET
AON6452 AOSMD-AON6452 Datasheet
405Kb / 7P
100V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com