Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD66620 Datasheet (PDF) - Alpha & Omega Semiconductors

AOD66620 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD66620
Download  AOD66620 Download
File Size   581.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGTTM

AOD66620 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD66620 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD66620
Download  AOD66620 Click to download

File Size   581.68 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 60V N-Channel AlphaSGTTM

AOD66620 Datasheet (HTML) - Alpha & Omega Semiconductors


AOD66620 Product details

General Description
• Trench Power MOSFET - AlphaSGTTM technology • Low RDS(ON) • Excellent Gate Charge x RDS(ON) Product(FOM) • RoHS and Halogen-Free Compliant

Applications
Synchronous Rectification in SMPS
ATX and Gaming Power Supplies
Switching Applications




Similar Part No. - AOD66620

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD66620 ISC-AOD66620 Datasheet
329Kb / 2P
N-Channel MOSFET
More results


Similar Description - AOD66620

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF024 IRF-IRFF024 Datasheet
132Kb / 7P
60V, N-CHANNEL
IRFM044 IRF-IRFM044 Datasheet
189Kb / 7P
60V, N-CHANNEL
logo
New Jersey Semi-Conduct...
IRF054 NJSEMI-IRF054 Datasheet
98Kb / 2P
60V, N-CHANNEL
logo
Alpha & Omega Semicondu...
AOB66914L AOSMD-AOB66914L Datasheet
668Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: July 2020
AONR66821 AOSMD-AONR66821 Datasheet
448Kb / 6P
v80V N-Channel AlphaSGTTM
Rev.1.0: May 2022
AOTL66518 AOSMD-AOTL66518 Datasheet
601Kb / 6P
150V N-Channel AlphaSGTTM
Rev.1.0: June 2020
AO4264C AOSMD-AO4264C Datasheet
563Kb / 5P
60V N-Channel AlphaSGTTM
Rev.1.0: April 2021
AOB66918L AOSMD-AOB66918L Datasheet
382Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.2: March 2021
AOK66914 AOSMD-AOK66914 Datasheet
583Kb / 6P
100V N-Channel AlphaSGTTM
Rev.1.1: June 2020
logo
Guangdong Youtai Semico...
ZXMN6A25 UMW-ZXMN6A25 Datasheet
610Kb / 7P
60V N-Channel
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com