Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBB-502 Datasheet (PDF) - RF Micro Devices

NBB-502 Datasheet PDF - RF Micro Devices
Part # NBB-502
Download  NBB-502 Download
File Size   213.87 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz

NBB-502 Datasheet (PDF)

Go To PDF Page Download Datasheet
NBB-502 Datasheet PDF - RF Micro Devices

Part # NBB-502
Download  NBB-502 Click to download

File Size   213.87 Kbytes
Page   8 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz

NBB-502 Datasheet (HTML) - RF Micro Devices


NBB-502 Product details

Product Description
The NBB-502 cascadable broadband InGaP/GaAs MMIC amplifier is a low-cost, high-performance solution for general purpose RF and microwave amplification needs. This 50Ω gain block is based on a reliable HBT proprietary MMIC design, providing unsurpassed performance for small-signal applications. Designed with an external bias resistor, the NBB-502 provides flexibility and stability. The NBB-502 is packaged in a low-cost, surface-mount ceramic package, providing ease of assembly for highvolume tape-and-reel requirements. It is available in either 1,000 or 3,000 piece-per-reel quantities.

Features
• Reliable, Low-Cost HBT Design
• 19.0dB Gain, +13.0dBm P1dB@2GHz
• High P1dB of +14.0dBm@6.0GHz
• Single Power Supply Operation
• 50Ω I/O Matched for High Freq. Use

Typical Applications
• Narrow and Broadband Commercial and Military Radio Designs
• Linear and Saturated Amplifiers
• Gain Stage or Driver Amplifiers for MWRadio/Optical Designs (PTP/PMP/LMDS/UNII/VSAT/WLAN/Cellular/DWDM)




Similar Part No. - NBB-502

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-502 RFMD-NBB-502 Datasheet
186Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
NBB-502 RFMD-NBB-502 Datasheet
117Kb / 2P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502-E RFMD-NBB-502-E Datasheet
186Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
More results


Similar Description - NBB-502

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-500 RFMD-NBB-500 Datasheet
217Kb / 10P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_06 Datasheet
186Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_1 Datasheet
117Kb / 2P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-500 RFMD-NBB-500_13 Datasheet
570Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502 RFMD-NBB-502_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com