Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NBB-502 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NBB-502
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-502 Datasheet(HTML) 7 Page - RF Micro Devices

  NBB-502 Datasheet HTML 1Page - RF Micro Devices NBB-502 Datasheet HTML 2Page - RF Micro Devices NBB-502 Datasheet HTML 3Page - RF Micro Devices NBB-502 Datasheet HTML 4Page - RF Micro Devices NBB-502 Datasheet HTML 5Page - RF Micro Devices NBB-502 Datasheet HTML 6Page - RF Micro Devices NBB-502 Datasheet HTML 7Page - RF Micro Devices NBB-502 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-63
NBB-502
Rev A4 050414
Device Voltage versus Amplifier Current
3.85
3.90
3.95
4.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
Amplifier Current, ICC (mA)
P1dB versus Frequency at 25°C
0.0
5.0
10.0
15.0
20.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
POUT/Gain versus PIN at 2 GHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
PIN (dBm)
Pout (dBm)
Gain (dB)
POUT/Gain versus PIN at 6 GHz
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
PIN (dBm)
Pout (dBm)
Gain (dB)
Third Order Intercept versus Frequency at 25°C
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com