Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD5T40P Datasheet (PDF) - Alpha & Omega Semiconductors

AOD5T40P Datasheet PDF - Alpha & Omega Semiconductors
Part # AOD5T40P
Download  AOD5T40P Download
File Size   438.88 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 400V,3.9A N-Channel MOSFET

AOD5T40P Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD5T40P Datasheet PDF - Alpha & Omega Semiconductors

Part # AOD5T40P
Download  AOD5T40P Click to download

File Size   438.88 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 400V,3.9A N-Channel MOSFET

AOD5T40P Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - AOD5T40P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOD5T40P ISC-AOD5T40P Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
AOD5T40P DOINGTER-AOD5T40P Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
More results


Similar Description - AOD5T40P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
logo
Tak Cheong Electronics ...
TFF4N65 TAK_CHEONG-TFF4N65 Datasheet
305Kb / 8P
N-Channel Power MOSFET 3.9A, 650V, 3.0廓
logo
Fairchild Semiconductor
FDP5N50NZU FAIRCHILD-FDP5N50NZU Datasheet
315Kb / 9P
N-Channel MOSFET 500V, 3.9A, 2.0廓
logo
Will Semiconductor Ltd.
WNM2024 WILLSEMI-WNM2024 Datasheet
914Kb / 6P
Single N-Channel, 20V, 3.9A, Power MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com