Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD5T40P Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOD5T40P
Description  400V,3.9A N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD5T40P Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOD5T40P Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD5T40P Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD5T40P Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD5T40P Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD5T40P Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD5T40P Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0.1
1
10
100
1000
0.1
1
10
100
1000
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
C
oss
C
rss
V
DS=320V
I
D=3.9A
0.01
0.1
1
10
100
1
10
100
1000
V
DS(Volts)
Figure 10: Maximum Forward Biased Safe Operating
Area (Note F)
10
µs
10ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
C=25°C
100
µs
0
0.4
0.8
1.2
1.6
2
0
100
200
300
400
500
V
DS (Volts)
Figure 9: Coss stored Energy
E
oss
0
1
2
3
4
5
0
25
50
75
100
125
150
T
CASE (°C)
Figure 12: Current De-rating (Note F)
Area (Note F)
0
12
24
36
48
60
0
25
50
75
100
125
150
T
CASE (°C)
Figure 11: Power De-rating (Note B)
Rev.1.0: March 2014
www.aosmd.com
Page 4 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com