Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS8740230 Datasheet (PDF) - PREMIER DEVICES, INC.

OS8740230 Datasheet PDF - PREMIER DEVICES, INC.
Part # OS8740230
Download  OS8740230 Download
File Size   271.39 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC

OS8740230 Datasheet (PDF)

Go To PDF Page Download Datasheet
OS8740230 Datasheet PDF - PREMIER DEVICES, INC.

Part # OS8740230
Download  OS8740230 Click to download

File Size   271.39 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC

OS8740230 Datasheet (HTML) - PREMIER DEVICES, INC.


OS8740230 Product details

DESCRIPTION
• Hybrid high dynamic range optical receiver amplifier module. Two of the module pins are for connection to 24V (DC), one for amplifier supply voltage, the other for the PIN diode bias. The module contains a single mode optical input suitable for wavelengths from 1290 to 1600 nm, a terminal to monitor the PIN diode current and an electrical output with an impedance of 75 Ω.

FEATURES
• Excellent linearity
• Superior return loss performance
• Extremely low distortion
• Optimal reliability
• Low noise
• Standard CATV outline
• Excellent flatness

APPLICATION
• 40 to 870 MHz CATV amplifier systems




Similar Part No. - OS8740230

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS8740230W PDI-OS8740230W Datasheet
161Kb / 5P
Excellent linearity
More results


Similar Description - OS8740230

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S8740190 ETC-S8740190 Datasheet
64Kb / 4P
Si Push Pull, 40 - 870MHz, 18.5dB min. Gain @870MHz, 240mA max. @ 24VDC
S8740220 ETC-S8740220 Datasheet
64Kb / 4P
Si Push Pull, 40 - 870MHz, 21.5dB min. Gain @ 870MHz, 235mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
D8740150GT PDI-D8740150GT Datasheet
224Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 15.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740180GT PDI-D8740180GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 18.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740200GT PDI-D8740200GT Datasheet
135Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 20.5dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740240GT PDI-D8740240GT Datasheet
224Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 24.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740270GT PDI-D8740270GT Datasheet
62Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 27.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
D8740320GT PDI-D8740320GT Datasheet
127Kb / 4P
GaAs Power Doubler, 40 - 870MHz, 32.0dB min. Gain @ 870MHz, 375mA max. @ 24VDC
S8740340 PDI-S8740340 Datasheet
126Kb / 4P
GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 280mA max. @ 24VDC
S8740190 PDI-S8740190 Datasheet
67Kb / 4P
Si Push Pull Hybrid 40 - 870MHz 18.5dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com