Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OS8740230W Datasheet (PDF) - PREMIER DEVICES, INC.

OS8740230W Datasheet PDF - PREMIER DEVICES, INC.
Part # OS8740230W
Download  OS8740230W Download
File Size   161.79 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Excellent linearity

OS8740230W Datasheet (PDF)

Go To PDF Page Download Datasheet
OS8740230W Datasheet PDF - PREMIER DEVICES, INC.

Part # OS8740230W
Download  OS8740230W Click to download

File Size   161.79 Kbytes
Page   5 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description Excellent linearity

OS8740230W Datasheet (HTML) - PREMIER DEVICES, INC.


OS8740230W Product details

DESCRIPTION
• Hybrid high dynamic range optical receiver amplifier module. Two of the module pins are for connection to 24V (DC), one for amplifier supply voltage, the other for the PIN diode bias. The module contains a single mode optical input suitable for wavelengths from 1290 to 1600 nm, a terminal to monitor the PIN diode current and an electrical output with an impedance of 75 Ω.

FEATURES
• Excellent linearity
• Superior return loss performance
• Extremely low distortion
• Optimal reliability
• Excellent price/performance ratio
• Low noise
• Excellent flatness

APPLICATION
• 40 to 870 MHz CATV amplifier systems




Similar Part No. - OS8740230W

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OS8740230 PDI-OS8740230 Datasheet
271Kb / 5P
Si Optical Receiver, 40 - 870MHz, 225mA max. @ 24VDC
More results


Similar Description - OS8740230W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY5603WE6327 INFINEON-BBY5603WE6327 Datasheet
855Kb / 7P
Excellent linearity
2011-06-15
logo
Shenzhen Luguang Electr...
LGA1266 LUGUANG-LGA1266 Datasheet
220Kb / 2P
Excellent hFE Linearity
logo
MAKO SEMICONDUCTOR CO.,...
M28S MAKOSEMI-M28S Datasheet
273Kb / 2P
Excellent HFE Linearity.
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
Excellent hFE linearity
logo
TriQuint Semiconductor
TQM716015 TRIQUINT-TQM716015_15 Datasheet
206Kb / 1P
Excellent Linearity in all modes
TQM776011 TRIQUINT-TQM776011_15 Datasheet
204Kb / 1P
Excellent Linearity in all modes
logo
M.S. Kennedy Corporatio...
MSK115 MSK-MSK115_15 Datasheet
378Kb / 7P
Excellent Linearity - Class A/B Output
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-5201 AVAGO-ACPM-5201 Datasheet
329Kb / 13P
Excellent Linearity
ACPM-7312 AVAGO-ACPM-7312 Datasheet
1Mb / 16P
excellent linearity
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
High current gain, Excellent hFE Linearity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com