Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSBB10CH120DF Datasheet (PDF) - ON Semiconductor

FSBB10CH120DF Datasheet PDF - ON Semiconductor
Part # FSBB10CH120DF
Download  FSBB10CH120DF Download
File Size   528.98 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 3 Series

FSBB10CH120DF Datasheet (PDF)

Go To PDF Page Download Datasheet
FSBB10CH120DF Datasheet PDF - ON Semiconductor

Part # FSBB10CH120DF
Download  FSBB10CH120DF Click to download

File Size   528.98 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Motion SPM 3 Series

FSBB10CH120DF Datasheet (HTML) - ON Semiconductor


FSBB10CH120DF Product details

General Description
FSBB10CH120DF is an advanced Motion SPM® 3 module providing a fully-featured, high-performance inverter output stage for AC Induction, BLDC, and PMSM motors. These modules integrate optimized gate drive of the built-in IGBTs to minimize EMI and losses, while also providing multiple on-module protection features including under-voltage lockouts, over-current shutdown, thermal monitoring of drive IC, and fault reporting.

Features
• UL Certified No. E209204 (UL1557)
• 1200 V - 10 A 3-Phase IGBT Inverter with Integral Gate Drivers and Protection
• Low-Loss, Short-Circuit Rated IGBTs
• Very Low Thermal Resistance Using Al 2O3 DBC Substrate
• Dedicated Vs Pins Simplify PCB Layout
• Separate Open-Emitter Pins from Low-Side IGBTs for Three-Phase Current Sensing
• Single-Grounded Power Supply
• LVIC Temperature-Sensing Built-In for Temperature Monitoring
• Isolation Rating: 2500 Vrms / 1 min.

Applications
• Motion Control - Industrial Motor (AC 400V Class)




Similar Part No. - FSBB10CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSBB10CH120D ONSEMI-FSBB10CH120D Datasheet
529Kb / 16P
Motion SPM 3 Series
Rev. 1.1
More results


Similar Description - FSBB10CH120DF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNB33060T ONSEMI-FNB33060T Datasheet
871Kb / 17P
Motion SPM 3 Series
March 2016 Rev. 1.1
FSBB15CH60C ONSEMI-FSBB15CH60C Datasheet
654Kb / 16P
Motion SPM 3 Series
February 2016 Rev. 1.6
FSBB15CH60D ONSEMI-FSBB15CH60D Datasheet
757Kb / 17P
Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB20CH60CT ONSEMI-FSBB20CH60CT Datasheet
586Kb / 16P
Motion SPM 3 Series
January 2014 Rev. C3
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
Motion SPM 3 Series
January 2014 Rev. C3
FSBB10CH120D ONSEMI-FSBB10CH120D Datasheet
529Kb / 16P
Motion SPM 3 Series
Rev. 1.1
FNB34060T6 ONSEMI-FNB34060T6 Datasheet
728Kb / 16P
Motion SPM 3 Series
April, 2019 ??Rev. 2
FNB33060T ONSEMI-FNB33060T_V01 Datasheet
783Kb / 14P
Motion SPM 3 Series
October, 2022 - Rev. 2
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
Motion SPM 3 Series
April, 2019 - Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com