Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSBB10CH120DF Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSBB10CH120DF
Description  Motion SPM 3 Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSBB10CH120DF Datasheet(HTML) 2 Page - ON Semiconductor

  FSBB10CH120DF Datasheet HTML 1Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 2Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 3Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 4Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 5Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 6Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 7Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 8Page - ON Semiconductor FSBB10CH120DF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
©2015 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBB10CH120DF Rev. 1.1
June 2015
FSBB10CH120DF
Motion SPM® 3 Series
Features
•
UL Certified No. E209204 (UL1557)
•
1200 V - 10 A 3-Phase IGBT Inverter with Integral
Gate Drivers and Protection
•
Low-Loss, Short-Circuit Rated IGBTs
•
Very Low Thermal Resistance Using Al2O3 DBC
Substrate
•
Dedicated Vs Pins Simplify PCB Layout
•
Separate Open-Emitter Pins from Low-Side IGBTs for
Three-Phase Current Sensing
•
Single-Grounded Power Supply
•
LVIC Temperature-Sensing Built-In for Temperature
Monitoring
•
Isolation Rating: 2500 Vrms / 1 min.
Applications
•
Motion Control - Industrial Motor (AC 400V Class)
Related Resources
•
AN-9095 - Motion SPM® 3 Series User’s Guide
•
AN-9086 - SPM® 3 Package Mounting Guidance
General Description
FSBB10CH120DF is an advanced Motion SPM® 3
module providing a fully-featured, high-performance
inverter output stage for AC Induction, BLDC, and
PMSM motors. These modules integrate optimized gate
drive of the built-in IGBTs to minimize EMI and losses,
while
also
providing multiple on-module
protection
features including under-voltage lockouts, over-current
shutdown, thermal monitoring of drive IC, and fault
reporting. The built-in, high-speed HVIC requires only a
single supply voltage and translates the incoming logic-
level gate inputs to the high-voltage, high-current drive
signals required to properly drive the module's internal
IGBTs. Separate negative IGBT terminals are available
for each phase to support the widest variety of control
algorithms.
Figure 1. 3D Package Drawing
(Click to Activate 3D Content)
Package Marking and Ordering Information
Device
Device Marking
Package
Packing Type
Quantity
FSBB10CH120DF
FSBB10CH120DF
SPMMC-027
Rail
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com