Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9318 Datasheet (PDF) - Renesas Technology Corp

X9318 Datasheet PDF - Renesas Technology Corp
Part # X9318
Download  X9318 Download
File Size   471.17 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP??

X9318 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9318 Datasheet PDF - Renesas Technology Corp

Part # X9318
Download  X9318 Click to download

File Size   471.17 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP??

X9318 Datasheet (HTML) - Renesas Technology Corp


X9318 Product details

DESCRIPTION
The Intersil X9318 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

FEATURES
• Solid-state potentiometer
• 3-wire serial interface
• Terminal voltage, 0 to +8V
• 100 wiper tap points
    —Wiper position stored in nonvolatile memory and recalled on power-up
• 99 resistive elements
    —Temperature compensated
    —End to end resistance range ± 20%
• Low power CMOS
    —VCC = 5V
    —Active current, 3mA max.
    —Standby current, 1mA max.
• High reliability
    —Endurance, 100,000 data changes per bit
    —Register data retention, 100 years
• RTOTAL value = 10k
• Packages
    —8 Ld SOIC and DIP
• Pb-free plus anneal available (RoHS compliant)

APPLICATIONS
• LCD bias control
• DC bias adjustment
• Gain and offset trim
• Laser diode bias control
• Voltage regulator output control




Similar Part No. - X9318

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9318 INTERSIL-X9318 Datasheet
243Kb / 10P
Digitally Controlled Potwntiometer(XSCP)
X9318 INTERSIL-X9318 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9318 INTERSIL-X9318 Datasheet
246Kb / 10P
Digitally Controlled Potentiometer
September 14, 2005
X9318WP8 INTERSIL-X9318WP8 Datasheet
243Kb / 10P
Digitally Controlled Potwntiometer(XSCP)
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
Digitally Controlled Potentiometer
September 14, 2005
More results


Similar Description - X9318

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL90462 INTERSIL-ISL90462 Datasheet
201Kb / 7P
Digitally Controlled Potentiometer (XDCP)
October 7, 2005
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com