Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C102 Datasheet (PDF) - Renesas Technology Corp

X9C102 Datasheet PDF - Renesas Technology Corp
Part # X9C102
Download  X9C102 Download
File Size   522.59 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP??

X9C102 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9C102 Datasheet PDF - Renesas Technology Corp

Part # X9C102
Download  X9C102 Click to download

File Size   522.59 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digitally Controlled Potentiometer (XDCP??

X9C102 Datasheet (HTML) - Renesas Technology Corp


X9C102 Product details

Digitally Controlled Potentiometer (XDCP™)

The X9C102, X9C103, X9C104, X9C503 are Intersils’ digitally controlled (XDCP) potentiometers. The device consists of a resistor array, wiper switches, a control section, and non-volatile memory. The wiper position is controlled by a three-wire interface.

Features
• Solid-State Potentiometer
• Three-Wire Serial Interface
• 100 Wiper Tap Points
    - Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
• 99 Resistive Elements
    - Temperature Compensated
    - End-to-End Resistance, ±20%
    - Terminal Voltages, ±5V
• Low Power CMOS
    - VCC = 5V
    - Active Current, 3mA max.
    - Standby Current, 750µA max.
• High Reliability
    - Endurance, 100,000 Data Changes per Bit
    - Register Data Retention, 100 years
• X9C102 = 1k
• X9C103 = 10k
• X9C503 = 50k
• X9C104 = 100k
• Packages
    - 8 Ld SOIC
    - 8 Ld PDIP
• Pb-Free Available (RoHS Compliant)




Similar Part No. - X9C102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C102 INTERSIL-X9C102 Datasheet
257Kb / 11P
Digitally Controlled Pot (XDCP)
September 19, 2005
X9C102 INTERSIL-X9C102 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102 INTERSIL-X9C102 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9C102 INTERSIL-X9C102 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
More results


Similar Description - X9C102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
ISL90462 INTERSIL-ISL90462 Datasheet
201Kb / 7P
Digitally Controlled Potentiometer (XDCP)
October 7, 2005
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com