Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X9C102 Datasheet (PDF) - Intersil Corporation

X9C102 Datasheet PDF - Intersil Corporation
Part # X9C102
Download  X9C102 Download
File Size   257.88 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Pot (XDCP)

X9C102 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9C102 Datasheet PDF - Intersil Corporation

Part # X9C102
Download  X9C102 Click to download

File Size   257.88 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digitally Controlled Pot (XDCP)

X9C102 Datasheet (HTML) - Intersil Corporation


X9C102 Product details

The X9C102, X9C103, X9C104, X9C503 are Intersils’ digitally controlled (XDCP) potentiometers. The device consists of a resistor array, wiper switches, a control section, and non-volatile memory. The wiper position is controlled by a three-wire interface.



Features

• Solid-State Potentiometer

• Three-Wire Serial Interface

• 100 Wiper Tap Points

    - Wiper Position Stored in Non-volatile Memory and Recalled on Power-up

• 99 Resistive Elements

    - Temperature Compensated

    - End-to-End Resistance, ±20%

    - Terminal Voltages, ±5V

• Low Power CMOS

    - VCC = 5V

    - Active Current, 3mA max.

    - Standby Current, 750µA max.

• High Reliability

- Endurance, 100,000 Data Changes per Bit

- Register Data Retention, 100 years

• X9C102 = 1kΩ

• X9C103 = 10kΩ

• X9C503 = 50kΩ

• X9C104 = 100kΩ

• Packages

- 8 Ld SOIC

- 8 Ld PDIP

• Pb-Free Available (RoHS Compliant)




Similar Part No. - X9C102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9C102 INTERSIL-X9C102 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102 INTERSIL-X9C102 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
X9C102 INTERSIL-X9C102 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer
July 20, 2009
X9C102 INTERSIL-X9C102 Datasheet
240Kb / 10P
Digitally Controlled Potentiometer (XDCP??
July 20, 2009
More results


Similar Description - X9C102

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C303 INTERSIL-X9C303 Datasheet
272Kb / 10P
Digitally Controlled Potentiomet (XDCP)
March 11, 2005
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
Digitally Controlled Potentiometer XDCP
October 10, 2008
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
Digitally Controlled Potentiometer (XDCP??
December 16, 2009
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
Digitally Controlled Potentiometer(XDCP??
February 19, 2008
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
Digitally Controlled Potentiometer (XDCP??
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com