Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC4039 Datasheet (PDF) - Integrated Device Technology

PSC4039 Datasheet PDF - Integrated Device Technology
Part # PSC4039
Download  PSC4039 Download
File Size   119.09 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PA/PAG PACKAGE OUTLINE 6.10MM BODY WIDTH TTSOP .50MM PITCH

PSC4039 Datasheet (PDF)

Go To PDF Page Download Datasheet
PSC4039 Datasheet PDF - Integrated Device Technology

Part # PSC4039
Download  PSC4039 Click to download

File Size   119.09 Kbytes
Page   2 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description PA/PAG PACKAGE OUTLINE 6.10MM BODY WIDTH TTSOP .50MM PITCH

PSC4039 Datasheet (HTML) - Integrated Device Technology




Similar Part No. - PSC4039

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSC400110-12 POWERBOX-PSC400110-12 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSC400110-15 POWERBOX-PSC400110-15 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSC400220-12 POWERBOX-PSC400220-12 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSC400220-15 POWERBOX-PSC400220-15 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
PSC40024-12 POWERBOX-PSC40024-12 Datasheet
315Kb / 2P
250 - 800 WATTS DC/DC SINGLE OUTPUT
More results


Similar Description - PSC4039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
21-0144B MAXIM-21-0144B Datasheet
135Kb / 2P
PACKAGE OUTLINE
Rev B
logo
Fairchild Semiconductor
SOIC24 FAIRCHILD-SOIC24 Datasheet
209Kb / 1P
24-Lead Small Outline IC (SOIC) 0.300 Body Width
logo
NXP Semiconductors
SOT108-1 PHILIPS-SOT108-1 Datasheet
10Kb / 1P
SO14: plastic small outline package; 14 leads; body width 3.9 mm
2003 Mar 24
SOT340-1 PHILIPS-SOT340-1 Datasheet
11Kb / 1P
SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm
2003 Mar 24
logo
Integrated Circuit Solu...
ICS280 ICSI-ICS280 Datasheet
160Kb / 8P
Package Outline and Package Dimensions (16-pin TSSOP,173 Mil. Body)
logo
Elantec Semiconductor
MDP0040 ELANTEC-MDP0040 Datasheet
149Kb / 1P
PACKAGE OUTLINE DRAWING QSOP - 0.150 NARROW BODY PACKAGE
logo
Integrated Circuit Syst...
MK2761A ICST-MK2761A Datasheet
142Kb / 6P
Package Outline and Package Dimensions (16-pin SOIC, 150 Mil. Narrow Body)
Revision 070705
logo
NXP Semiconductors
SOT765-1 PHILIPS-SOT765-1 Datasheet
13Kb / 1P
plastic very thin shrink small outline package; 8 leads; body width 2.3 mm
2002 Jun 07
logo
Maxim Integrated Produc...
21-0066 MAXIM-21-0066 Datasheet
42Kb / 1P
PACKAGE OUTLINE, TSSOP 4.40MM BODY
Rev L
21-0108 MAXIM-21-0108 Datasheet
71Kb / 2P
PACKAGE OUTLINE, TSSOP 4.4MM BODY, EXPOSED PAD
Rev K
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com