Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4801AL Datasheet (PDF) - Alpha & Omega Semiconductors

AO4801AL Datasheet PDF - Alpha & Omega Semiconductors
Part # AO4801AL
Download  AO4801AL Download
File Size   260.83 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual P-Channel MOSFET

AO4801AL Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4801AL Datasheet PDF - Alpha & Omega Semiconductors

Part # AO4801AL
Download  AO4801AL Click to download

File Size   260.83 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V Dual P-Channel MOSFET

AO4801AL Datasheet (HTML) - Alpha & Omega Semiconductors


AO4801AL Product details

General Description
The AO4801AL combines advanced trench MOSFET technology with a low resistance package to provide extremely low RDS(ON).This device is suitable for use as a load switch or in PWM applications.

Product Summary
   VDS                                     -30V
   ID (at VGS=-10V)                -5.6A
   RDS(ON) (at VGS=-10V)    < 42mΩ
   RDS(ON) (at VGS = -4.5V) < 52mΩ
   RDS(ON) (at VGS = -2.5V) < 75mΩ
   
   100% UIS Tested
   100% Rg Tested




Similar Part No. - AO4801AL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4801A AOSMD-AO4801A Datasheet
127Kb / 4P
Dual P-Channel Enhancement Mode Field Effect Transistor
AO4801A AOSMD-AO4801A Datasheet
279Kb / 5P
30V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4801A VBSEMI-AO4801A Datasheet
1Mb / 9P
Dual P-Channel 30-V (D-S) MOSFET
logo
Guangdong Kexin Industr...
AO4801A-HF KEXIN-AO4801A-HF Datasheet
1Mb / 4P
Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
30V P-Channel MOSFET
More results


Similar Description - AO4801AL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4803 AOSMD-AO4803_11 Datasheet
614Kb / 6P
30V Dual P-Channel MOSFET
AO4807 AOSMD-AO4807_11 Datasheet
623Kb / 6P
30V Dual P-Channel MOSFET
AO4815 AOSMD-AO4815_10 Datasheet
174Kb / 4P
30V Dual P-Channel MOSFET
AO6801 AOSMD-AO6801_11 Datasheet
276Kb / 5P
30V Dual P-Channel MOSFET
AO6801A AOSMD-AO6801A Datasheet
336Kb / 5P
30V Dual P-Channel MOSFET
AO6801E AOSMD-AO6801E Datasheet
308Kb / 5P
30V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3641 GOOD-ARK-SSF3641_15 Datasheet
777Kb / 6P
30V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOSD21313C AOSMD-AOSD21313C Datasheet
334Kb / 5P
30V Dual P-Channel MOSFET
Rev.1.1: September 2019
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com