Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39VF088 Datasheet (PDF) - Silicon Storage Technology, Inc

SST39VF088 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST39VF088
Download  SST39VF088 Download
File Size   339.67 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 8 Mbit (x8) Multi-Purpose Flash

SST39VF088 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39VF088 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST39VF088
Download  SST39VF088 Click to download

File Size   339.67 Kbytes
Page   22 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 8 Mbit (x8) Multi-Purpose Flash

SST39VF088 Datasheet (HTML) - Silicon Storage Technology, Inc


SST39VF088 Product details

PRODUCT DESCRIPTION

The SST39VF088 device is a 1M x8 CMOS Multi-Purpose Flash (MPF) manufactured with SST’s proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39VF088 writes (Program or Erase) with a 2.7-3.6V power supply. It conforms to JEDEC standard pinouts for x8 memories.



FEATURES:

• Organized as 1M x8

• Single Voltage Read and Write Operations

– 2.7-3.6V

• Superior Reliability

– Endurance: 100,000 Cycles (typical)

– Greater than 100 years Data Retention

• Low Power Consumption (typical values at 5 MHz)

– Active Current: 12 mA (typical)

– Standby Current: 4 µA (typical)

• Sector-Erase Capability

– Uniform 4 KByte sectors

• Block-Erase Capability

– Uniform 64 KByte blocks

• Fast Read Access Time:

– 70 and 90 ns

• Latched Address and Data

• Fast Erase and Byte-Program

– Sector-Erase Time: 18 ms (typical)

– Block-Erase Time: 18 ms (typical)

– Chip-Erase Time: 70 ms (typical)

– Byte-Program Time: 14 µs (typical)

– Chip Rewrite Time: 15 seconds (typical)

• Automatic Write Timing

– Internal VPPGeneration

• End-of-Write Detection

– Toggle Bit

– Data# Polling

• CMOS I/O Compatibility

• JEDEC Standard

– Flash EEPROM Pinouts and command sets

• Packages Available

– 48-lead TSOP (12mm x 20mm)




Similar Part No. - SST39VF088

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088-70-4C-EK SST-SST39VF088-70-4C-EK Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39VF088-70-4C-EKE SST-SST39VF088-70-4C-EKE Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39VF088-70-4I-EK SST-SST39VF088-70-4I-EK Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39VF088-70-4I-EKE SST-SST39VF088-70-4I-EKE Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
SST39VF088-90-4C-EK SST-SST39VF088-90-4C-EK Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
More results


Similar Description - SST39VF088

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
16 Mbit (x8) Multi-Purpose Flash Plus
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
8 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
8 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com