Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet (PDF) - Microchip Technology

SST39LF010 Datasheet PDF - Microchip Technology
Part # SST39LF010
Download  SST39LF010 Download
File Size   267.78 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39LF010 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST39LF010 Datasheet PDF - Microchip Technology

Part # SST39LF010
Download  SST39LF010 Click to download

File Size   267.78 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash

SST39LF010 Datasheet (HTML) - Microchip Technology


SST39LF010 Product details

Features
• Organized as 128K x8 / 256K x8 / 512K x8
• Single Voltage Read and Write Operations
– 3.0-3.6V for SST39LF010/020/040
– 2.7-3.6V for SST39VF010/020/040
• Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
• Low Power Consumption
(typical values at 14 MHz)
– Active Current: 5 mA (typical)
– Standby Current: 1 μA (typical)
• Sector-Erase Capability
– Uniform 4 KByte sectors
• Fast Read Access Time:
– 55 ns for SST39LF010/020/040
– 70 ns for SST39VF010/020/040
• Latched Address and Data
• Fast Erase and Byte-Program:
– Sector-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 μs (typical)
– Chip Rewrite Time:
2 seconds (typical) for SST39LF/VF010
4 seconds (typical) for SST39LF/VF020
8 seconds (typical) for SST39LF/VF040
• Automatic Write Timing
– Internal VPP Generation
• End-of-Write Detection
– Toggle Bit
– Data# Polling
• CMOS I/O Compatibility
• JEDEC Standard
– Flash EEPROM Pinouts and command sets
• Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
• All devices are RoHS compliant




Similar Part No. - SST39LF010

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF010 SST-SST39LF010 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF010 SST-SST39LF010 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF010 SST-SST39LF010 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF010-45-4C-B3H SST-SST39LF010-45-4C-B3H Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF010-45-4C-B3HE SST-SST39LF010-45-4C-B3HE Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results


Similar Description - SST39LF010

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080 SST-SST39LF080 Datasheet
311Kb / 26P
8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
SST39VF800A-70-4I-B3KE-T MICROCHIP-SST39VF800A-70-4I-B3KE-T Datasheet
4Mb / 37P
2 Mbit / 4 Mbit / 8 Mbit (x16) Multi-Purpose Flash
03/11
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com