Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 8 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 8 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 4Page - Microchip Technology SST39LF010 Datasheet HTML 5Page - Microchip Technology SST39LF010 Datasheet HTML 6Page - Microchip Technology SST39LF010 Datasheet HTML 7Page - Microchip Technology SST39LF010 Datasheet HTML 8Page - Microchip Technology SST39LF010 Datasheet HTML 9Page - Microchip Technology SST39LF010 Datasheet HTML 10Page - Microchip Technology SST39LF010 Datasheet HTML 11Page - Microchip Technology SST39LF010 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
8
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Data# Polling (DQ7)
When the SST39LF010/020/040 and SST39VF010/020/040 are in the internal Program operation, any
attempt to read DQ7 will produce the complement of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately
following completion of an internal Write operation, the remaining data outputs may still be invalid: valid
data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 µs.
During internal Erase operation, any attempt to read DQ7 will produce a “0”. Once the internal Erase
operation is completed, DQ7 will produce a “1”. The Data# Polling is valid after the rising edge of fourth
WE# (or CE#) pulse for Program operation. For Sector- or Chip-Erase, the Data# Polling is valid after
the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Data# Polling timing diagram and Figure
16 for a flowchart.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce
alternating ‘0’s and ‘1’s, i.e., toggling between 0 and 1. When the internal Program or Erase operation
is completed, the toggling will stop. The device is then ready for the next operation. The Toggle Bit is
valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector- or Chip-
Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Toggle
Bit timing diagram and Figure 16 for a flowchart.
Data Protection
The SST39LF010/020/040 and SST39VF010/020/040 provide both hardware and software features to
protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This pre-
vents inadvertent writes during power-up or power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com