Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 27 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 27 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 20Page - Microchip Technology SST39LF010 Datasheet HTML 21Page - Microchip Technology SST39LF010 Datasheet HTML 22Page - Microchip Technology SST39LF010 Datasheet HTML 23Page - Microchip Technology SST39LF010 Datasheet HTML 24Page - Microchip Technology SST39LF010 Datasheet HTML 25Page - Microchip Technology SST39LF010 Datasheet HTML 26Page - Microchip Technology SST39LF010 Datasheet HTML 27Page - Microchip Technology SST39LF010 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
27
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Table 14: Revision History
Number
Description
Date
01
•
2000 Data Book
Feb 2000
02
•
Changed speed from 45 ns to 55 ns for the SST39LF020 and
SST39LF040
Aug 2000
03
•
2002 Data Book: Reintroduced the 45 ns parts for the SST39LF020 and
SST39LF040
Feb 2002
04
•
Added the B3K package for the 2 Mbit devices
•
Added footnote in Table 8 to indicate IDD Write is 30 mA max for Erase
operations in the Industrial temperature range.
Oct 2002
05
•
Changes to Table 8 on page 12
– Added footnote for MPF power usage and Typical conditions
– Clarified the Test Conditions for Power Supply Current and Read parameters
– Clarified IDD Write to be Program and Erase
– Corrected IDD Program and Erase from 20 mA to 30 mA
•
Part number changes - see page 23 for additional information
Mar 2003
06
•
Added new “MM” Micro-Package MPNs for 1M and 2M LF parts- see
page 23
Oct 2003
07
•
2004 Data Book
•
Added non-Pb MPNs and removed footnote (See page 23)
•
Updated B3K and MM package diagrams
Nov 2003
08
•
Added RoHS Compliant statement.
•
Added 4 MBit to Figure 4.
•
Revised Absolute Max Stress Ratings for Surface Mount Solder Reflow
Temperature
•
Removed SST39VFxxx-90 Timing Parameters from Figure 12.
•
Added Footnote and removed Read Access Speed 90 = 90 to Product
Ordering Information.
•
Removed 90 part numbers Valid Combinations lists
Dec 2005
09
•
Edited page Valid Combinations on page 21. Changed 39LF040-70-4C-
B3KE to 39LF040-45-4C-B3KE
Jan 2006
10
•
Removed leaded parts
Nov 2008
11
•
Added package YME
Feb 2009
12
•
Revised “Product Ordering Information” on page 23
Apr 2009
13
•
Changed endurance from 10,000 to 100,000 in Product Description, page
1
Sep 2009
14
•
EOL of SST39LF010-45-4C-YME. Replacement part is SST39LF010-45-
4C-MME in this document.
•
Removed all references to the YME package.
Jan 2010
A
•
EOL of SST39LF512 and SST39VF512 parts. Replacement parts are
SST39LF010 and SST39VF010.
•
Applied new document format.
•
Released document under letter revision system.
•
Updated spec number S71150 to DS25023.
Aug 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com