Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 26 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 20Page - Microchip Technology SST39LF010 Datasheet HTML 21Page - Microchip Technology SST39LF010 Datasheet HTML 22Page - Microchip Technology SST39LF010 Datasheet HTML 23Page - Microchip Technology SST39LF010 Datasheet HTML 24Page - Microchip Technology SST39LF010 Datasheet HTML 25Page - Microchip Technology SST39LF010 Datasheet HTML 26Page - Microchip Technology SST39LF010 Datasheet HTML 27Page - Microchip Technology SST39LF010 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
26
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Figure 20:32-lead Thin Small Outline Package (TSOP) 8mm x 14mm
SST Package Code: WH
32-tsop-WH-7
Note:
1. Complies with JEDEC publication 95 MO-142 BA dimensions,
although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (max/min).
3. Coplanarity: 0.1 mm
4. Maximum allowable mold flash is 0.15 mm at the package ends, and 0.25 mm between leads.
1.20
max.
1mm
Pin # 1 Identifier
12.50
12.30
14.20
13.80
0.70
0.50
8.10
7.90
0.27
0.17
0.50
BSC
1.05
0.95
0.15
0.05
0.70
0.50
0°- 5°
DETAIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com