Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 9 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 9 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 5Page - Microchip Technology SST39LF010 Datasheet HTML 6Page - Microchip Technology SST39LF010 Datasheet HTML 7Page - Microchip Technology SST39LF010 Datasheet HTML 8Page - Microchip Technology SST39LF010 Datasheet HTML 9Page - Microchip Technology SST39LF010 Datasheet HTML 10Page - Microchip Technology SST39LF010 Datasheet HTML 11Page - Microchip Technology SST39LF010 Datasheet HTML 12Page - Microchip Technology SST39LF010 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
9
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Software Data Protection (SDP)
The SST39LF010/020/040 and SST39VF010/020/040 provide the JEDEC approved Software Data
Protection scheme for all data alteration operation, i.e., Program and Erase. Any Program operation
requires the inclusion of a series of three-byte sequence. The three-byte load sequence is used to ini-
tiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., dur-
ing the system power-up or power-down. Any Erase operation requires the inclusion of six-byte load
sequence. These devices are shipped with the Software Data Protection permanently enabled. See
Table 4 for the specific software command codes. During SDP command sequence, invalid commands
will abort the device to read mode, within TRC.
Product Identification
The Product Identification mode identifies the devices as the SST39LF/VF010, SST39LF/VF020, and
SST39LF/VF040 and manufacturer as SST. This mode may be accessed by software operations.
Users may use the Software Product Identification operation to identify the part (i.e., using the device
ID) when using multiple manufacturers in the same socket. For details, see Table 4 for software opera-
tion, Figure 11 for the Software ID Entry and Read timing diagram, and Figure 17 for the Software ID
entry command sequence flowchart.
Product Identification Mode Exit/Reset
In order to return to the standard Read mode, the Software Product Identification mode must be exited.
Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to
the Read operation. Please note that the Software ID Exit command is ignored during an internal Pro-
gram or Erase operation. See Table 4 for software command codes, Figure 12 for timing waveform,
and Figure 17 for a flowchart.
Table 2: Product Identification
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST39LF/VF010
0001H
D5H
SST39LF/VF020
0001H
D6H
SST39LF/VF040
0001H
D7H
T2.1 25023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com