Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 6 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 6 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 2Page - Microchip Technology SST39LF010 Datasheet HTML 3Page - Microchip Technology SST39LF010 Datasheet HTML 4Page - Microchip Technology SST39LF010 Datasheet HTML 5Page - Microchip Technology SST39LF010 Datasheet HTML 6Page - Microchip Technology SST39LF010 Datasheet HTML 7Page - Microchip Technology SST39LF010 Datasheet HTML 8Page - Microchip Technology SST39LF010 Datasheet HTML 9Page - Microchip Technology SST39LF010 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
6
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written
to the device using standard microprocessor write sequences. A command is written by asserting WE#
low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever
occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Read
The Read operation of the SST39LF010/020/040 and SST39VF010/020/040 devices are controlled by
CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for
device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE#
is the output control and is used to gate data from the output pins. The data bus is in high impedance
state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure
4).
Byte-Program Operation
The SST39LF010/020/040 and SST39VF010/020/040 are programmed on a byte-by-byte basis.
Before programming, the sector where the byte exists must be fully erased. The Program operation is
accomplished in three steps. The first step is the three-byte load sequence for Software Data Protec-
tion. The second step is to load byte address and byte data. During the Byte-Program operation, the
addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is
latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal
Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs
first. The Program operation, once initiated, will be completed, within 20 µs. See Figures 5 and 6 for
WE# and CE# controlled Program operation timing diagrams and Figure 15 for flowcharts. During the
Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program
operation, the host is free to perform additional tasks. Any commands written during the internal Pro-
gram operation will be ignored.
Sector-Erase Operation
The Sector-Erase operation allows the system to erase the device on a sector-by-sector basis. The
sector architecture is based on uniform sector size of 4 KByte. The Sector-Erase operation is initiated
by executing a six-byte command sequence with Sector-Erase command (30H) and sector address
(SA) in the last bus cycle. The sector address is latched on the falling edge of the sixth WE# pulse,
while the command (30H) is latched on the rising edge of the sixth WE# pulse. The internal Erase
operation begins after the sixth WE# pulse. The End-of-Erase can be determined using either Data#
Polling or Toggle Bit methods. See Figure 9 for timing waveforms. Any commands written during the
Sector-Erase operation will be ignored.
Chip-Erase Operation
The SST39LF010/020/040 and SST39VF010/020/040 devices provide a Chip-Erase operation, which
allows the user to erase the entire memory array to the ‘1’s state. This is useful when the entire device
must be quickly erased.
The Chip-Erase operation is initiated by executing a six- byte Software Data Protection command
sequence with Chip-Erase command (10H) with address 5555H in the last byte sequence. The internal
Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com