Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39LF010 Datasheet(PDF) 11 Page - Microchip Technology

Part # SST39LF010
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39LF010 Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST39LF010 Datasheet HTML 7Page - Microchip Technology SST39LF010 Datasheet HTML 8Page - Microchip Technology SST39LF010 Datasheet HTML 9Page - Microchip Technology SST39LF010 Datasheet HTML 10Page - Microchip Technology SST39LF010 Datasheet HTML 11Page - Microchip Technology SST39LF010 Datasheet HTML 12Page - Microchip Technology SST39LF010 Datasheet HTML 13Page - Microchip Technology SST39LF010 Datasheet HTML 14Page - Microchip Technology SST39LF010 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
©2012 Silicon Storage Technology, Inc.
DS25023B
06/13
11
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39LF010 / SST39LF020 / SST39LF040
SST39VF010 / SST39VF020 / SST39VF040
Data Sheet
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions or conditions greater than those defined in the
operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating con-
ditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V
Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 13.2V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Solder Reflow Temperature1 . . . . . . . . . . . . . . . . . . . . . . . . . . . 260°C for 10 seconds
Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Excluding certain with-Pb 32-PLCC units, all packages are 260
°C capable in both non-Pb and with-Pb solder versions.
Certain with-Pb 32-PLCC package types are capable of 240
°C for 10 seconds; please consult the factory for the latest
information.
2. Outputs shorted for no more than one second. No more than one output shorted at a time.
Table 5: Operating Range SST39LF010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.0-3.6V
T5.1 25023
Table 6: Operating Range SST39VF010/020/040
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
2.7-3.6V
Industrial
-40°C to +85°C
2.7-3.6V
T6.1 25023
Table 7: AC Conditions of Test1
1. See Figures 13 and 14
Input Rise/Fall Time
Output Load
5ns
CL = 30 pF for SST39LF010/020/040
CL = 100 pF for SST39VF010/020/040
T7.1 25023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com