Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF004B Datasheet (PDF) - Silicon Storage Technology, Inc

SST49LF004B Datasheet PDF - Silicon Storage Technology, Inc
Part # SST49LF004B
Download  SST49LF004B Download
File Size   460.67 Kbytes
Page   39 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 4 Mbit LPC Firmware Flash

SST49LF004B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST49LF004B Datasheet PDF - Silicon Storage Technology, Inc

Part # SST49LF004B
Download  SST49LF004B Click to download

File Size   460.67 Kbytes
Page   39 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 4 Mbit LPC Firmware Flash

SST49LF004B Datasheet (HTML) - Silicon Storage Technology, Inc


SST49LF004B Product details

PRODUCT DESCRIPTION

The SST49LF004B flash memory devices are designed to interface with host controllers (chipsets) that support a low pin-count (LPC) interface for BIOS applications. The SST49LF004B devices comply with Intel’s LPC Interface Specification, supporting single-byte Firmware Memory cycle type.

The SST49LF004B devices are backward compatible to the SST49LF004A Firmware Hub. In this document, FWH mode in the SST49LF004A specification is referenced as the Firmware Memory Read/Write cycle. Two interface modes are supported by the SST49LF004B: LPC mode (Firmware Memory cycle types) for in-system operations and Parallel Programming (PP) mode to interface with programming equipment.



FEATURES:

• 4 Mbit SuperFlash memory array for code/data storage

   – SST49LF004B: 512K x8 (4 Mbit)

• Conforms to Intel LPC Interface Specification

   – Supports Single-Byte Firmware Memory Cycle Type

• Flexible Erase Capability

   – Uniform 4 KByte sectors

   – Uniform 64 KByte overlay blocks

   – Chip-Erase for PP Mode Only

• Single 3.0-3.6V Read and Write Operations

• Superior Reliability

   – Endurance: 100,000 Cycles (typical)

   – Greater than 100 years Data Retention

• Low Power Consumption

   – Active Read Current: 6 mA (typical)

   – Standby Current: 10 µA (typical)

• Fast Sector-Erase/Byte-Program Operation

   – Sector-Erase Time: 18 ms (typical)

   – Block-Erase Time: 18 ms (typical)

   – Chip-Erase Time: 70 ms (typical)

   – Byte-Program Time: 14 µs (typical)

   – Chip Rewrite Time: 8 seconds (typical)

   – Single-pulse Program or Erase

   – Internal timing generation

• CMOS and PCI I/O Compatibility

• Two Operational Modes

   – Low Pin Count (LPC) interface mode for in-system operation

   – Parallel Programming (PP) mode for fast production programming

• Low Pin Count (LPC) Interface Mode

   – LPC bus interface supporting byte Read and Write

   – 33 MHz clock frequency operation

   – WP# and TBL# pins provide hardware write protect for entire chip and/or top Boot Block

   – Block Locking Registers for individual block Write-Lock and Lock-Down protection

   – JEDEC Standard SDP Command Set

   – Data# Polling and Toggle Bit for End-of-Write detection

   – 5 GPI pins for system design flexibility

   – 4 ID pins for multi-chip selection

• Parallel Programming (PP) Mode

   – 11-pin multiplexed address and 8-pin data I/O interface

   – Supports fast In-System or PROM programming for manufacturing

• Packages Available

   – 32-lead PLCC

   – 32-lead TSOP (8mm x 14mm)

• All non-Pb (lead-free) devices are RoHS compliant



 




Similar Part No. - SST49LF004B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
1Mb / 36P
4 Mbit Firmware Hub
SST49LF004B-33-4C-NHE SST-SST49LF004B-33-4C-NHE Datasheet
491Kb / 36P
4 Mbit Firmware Hub
SST49LF004B-33-4C-NHE SST-SST49LF004B-33-4C-NHE Datasheet
1Mb / 36P
4 Mbit Firmware Hub
SST49LF004B-33-4C-WHE SST-SST49LF004B-33-4C-WHE Datasheet
491Kb / 36P
4 Mbit Firmware Hub
SST49LF004B-33-4C-WHE SST-SST49LF004B-33-4C-WHE Datasheet
1Mb / 36P
4 Mbit Firmware Hub
More results


Similar Description - SST49LF004B

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
4 Mbit LPC Flash
logo
AMIC Technology
A49FL004 AMICC-A49FL004 Datasheet
713Kb / 36P
4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
2 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
4 Mbit / 8 Mbit LPC Serial Flash
SST79LF008 SST-SST79LF008 Datasheet
3Mb / 252P
Mobile Platform Controller plus 8 Mbit LPC Firmware Flash
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
3 Mbit LPC Flash
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
16 Mbit LPC Flash
02/16
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com