Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A49FL004 Datasheet (PDF) - AMIC Technology

A49FL004 Datasheet PDF - AMIC Technology
Part # A49FL004
Download  A49FL004 Download
File Size   713.99 Kbytes
Page   36 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory

A49FL004 Datasheet (PDF)

Go To PDF Page Download Datasheet
A49FL004 Datasheet PDF - AMIC Technology

Part # A49FL004
Download  A49FL004 Click to download

File Size   713.99 Kbytes
Page   36 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 4 Mbit CMOS 3.3Volt-only Firmware Hub/LPC Flash Memory

A49FL004 Datasheet (HTML) - AMIC Technology


A49FL004 Product details

GENERAL DESCRIPTION
The A49FL004 is a 4 Mbit 3.0 Volt-only Flash Memories used for BIOS storage in PCs and Notebooks. This device is designed to use a single low voltage, ranging from 3.0 Volt to 3.6 Volt, power supply to perform in-system or off-system read, erase and program operations. The device conforms to Intel® Low Pin Count (LPC) Interface specification revision 1.1 and also is compatible with Intel 82802 Firmware Hub (FWH) for most PC and Notebook applications.

FEATURES
• Single Power Supply Operation
    - Low voltage range: 3.0 V - 3.6 V
• Standard Intel Firmware Hub/LPC Interface
    - Read compatible to Intel® 82802 Firmware Hub devices
    - Conforms to Intel LPC Interface Specification Revision 1.1
• Memory Configuration
    - 512K x 8 (4 Mbit)
• Block Architecture
    - Uniform 4 KBytes Sectors
    - Uniform 64 KByte overlay blocks
    - Support full chip erase for Address/Address Multiplexed (A/A Mux) mode
• Automatic Erase and Program Operation
    - Build-in automatic program verification for extended product endurance
    - Typical 10 µs/byte programming time
    - Typical x s sector erase time
    - Typical y s block erase time
    - Typical z s chip erase time
• Two Configurable Interfaces
    - In-System hardware interface: Auto detection of Firmware Hub (FWH) or Low Pin Count (LPC) Interface for in-system read and write operations
    - Address/Address Multiplexed (A/A Mux) Interface for programming on EPROM Programmers during manufacturing
• Firmware Hub (FWH)/Low Pin Count (LPC) Mode
    - 33 MHz synchronous operation with PCI bus
    - 5-signal communication interface for in-system read and write operations
    - Standard SDP Command Set
    - Data Polling and Toggle Bit features
    - Block Locking Register for all blocks
    - Register-based read and write protection for each block
    - 4 ID pins for multiple chips selection
    - 5 GPI pins for General Purpose Input Register
    - TBL pin for hardware write protection to Boot Block
    - WP pin for hardware write protection to whole memory array except Boot Block

• Address/Address Multiplexed (A/A Mux) Mode
    - 11-pin multiplexed address and 8-pin data I/O interface
    - Supports fast programming on EPROM programmers
    - Standard SDP Command Set
    - Data Polling and Toggle Bit features
• Lower Power Consumption
    - Typical 12mA active read current
    - Typical 17mA program/erase current
• High Product Endurance
    - Guarantee 100,000 program/erase cycles per single sector (preliminary)
    - Minimum 20 years data retention
• Compatible Pin-out and Packaging
    - 32-pin (8 mm x 14 mm) TSOP
    - 32-pin PLCC
    - Optional lead-free (Pb-free) package
• Hardware Data Protection




Similar Part No. - A49FL004

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A4900 ALLEGRO-A4900 Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
A4900KLQTR-T ALLEGRO-A4900KLQTR-T Datasheet
746Kb / 17P
High Voltage Three Phase Gate Driver
A4910 ALLEGRO-A4910 Datasheet
556Kb / 36P
Automotive 3-Phase MOSFET Driver
A4910 ALLEGRO-A4910_16 Datasheet
780Kb / 36P
Automotive 3-Phase MOSFET Driver
A4911 ALLEGRO-A4911 Datasheet
2Mb / 66P
Automotive Three-Phase MOSFET Driver
May 9, 2024
More results


Similar Description - A49FL004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
4 Mbit LPC Firmware Flash
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
A49LF040 AMICC-A49LF040 Datasheet
570Kb / 31P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
PMC-Sierra, Inc
PM39F040 PMC-PM39F040 Datasheet
200Kb / 23P
1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_06 Datasheet
491Kb / 36P
4 Mbit Firmware Hub
logo
AMIC Technology
A49LF040A AMICC-A49LF040A Datasheet
607Kb / 32P
4 Mbit CMOS 3.3Volt-only Low Pin Count Flash Memory
logo
Silicon Storage Technol...
SST49LF004B SST-SST49LF004B_10 Datasheet
1Mb / 36P
4 Mbit Firmware Hub
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com