Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW040 Datasheet (PDF) - STMicroelectronics

M50FW040 Datasheet PDF - STMicroelectronics
Part # M50FW040
Download  M50FW040 Download
File Size   249.8 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW040 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50FW040 Datasheet PDF - STMicroelectronics

Part # M50FW040
Download  M50FW040 Click to download

File Size   249.8 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW040 Datasheet (HTML) - STMicroelectronics


M50FW040 Product details

SUMMARY DESCRIPTION
The M50FW040 is a 4 Mbit (512Kb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast erasing in production lines an optional 12V power supply can be used to reduce the erasing time.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
    – VCC = 3V to 3.6V for Program, Erase and Read Operations
    – VPP = 12V for Fast Erase (optional)
■ TWO INTERFACES
    – Firmware Hub (FWH) Interface for embedded operation with PC Chipsets.
    – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility.
■ FIRMWARE HUB (FWH) HARDWARE INTERFACE MODE
    – 5 Signal Communication Interface supporting Read and Write Operations
    – Hardware Write Protect Pins for Block Protection
    – Register Based Read and Write Protection
    – 5 Additional General Purpose Inputs for platform design flexibility
    – Synchronized with 33MHz PCI clock
■ PROGRAMMING TIME: 10µs typical
■ 8 UNIFORM 64 Kbyte MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
    – Embedded Byte Program and Block Erase algorithms
    – Status Register Bits
■ PROGRAM and ERASE SUSPEND
    – Read other Blocks during Program/Erase Suspend
    – Program other Blocks during Erase Suspend
■ FOR USE in PC BIOS APPLICATIONS
■ ELECTRONIC SIGNATURE
    – Manufacturer Code: 20h
    – Device Code: 2Ch




Similar Part No. - M50FW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M50FW040K5G STMICROELECTRONICS-M50FW040K5G Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M50FW040K5P STMICROELECTRONICS-M50FW040K5P Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M50FW040K5TG STMICROELECTRONICS-M50FW040K5TG Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M50FW040K5TP STMICROELECTRONICS-M50FW040K5TP Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
More results


Similar Description - M50FW040

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
22-Apr-2002
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
19-Sep-2005
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
Apr-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com