Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080 Datasheet (PDF) - STMicroelectronics

M50FW080 Datasheet PDF - STMicroelectronics
Part # M50FW080
Download  M50FW080 Download
File Size   444.62 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW080 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50FW080 Datasheet PDF - STMicroelectronics

Part # M50FW080
Download  M50FW080 Click to download

File Size   444.62 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW080 Datasheet (HTML) - STMicroelectronics


M50FW080 Product details

Summary description

The M50FW080 is an 8 Mbit (1Mbit x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing in production lines an optional 12V power supply can be used to reduce the programming and the erasing times.



Feature summary

■ Supply voltage

   – VCC = 3 V to 3.6 V for Program, Erase and Read operations

   – VPP = 12 V for fast program and fast erase (optional)

■ Two interfaces

   – Firmware Hub (FWH) Interface for embedded operation with PC Chipsets

   – Address/Address Multiplexed (A/A Mux) Interface for programming equipment compatibility

■ Firmware hub (FWH) hardware interface mode

   – 5 signal communication interface supporting Read and Write operations

   – Hardware Write Protect pins for block protection

   – Register-based Read and Write Protection

   – 5 additional general-purpose inputs for platform design flexibility

   – Synchronized with 33 MHz PCI clock

■ Programming time

   – 10 µs typical

   – Quadruple Byte Programming option

■ 16 uniform 64 Kbyte memory blocks

■ Program/Erase Controller

   – Embedded Byte Program and Block/Chip Erase algorithms

   – Status Register bits

■ Program and Erase Suspend

   – Read other Blocks during Program/Erase Suspend

   – Program other Blocks during Erase Suspend

■ For use in PC BIOS applications

■ Electronic signature

   – Manufacturer code: 20h

   – Device Code: 2Dh

■ Packages

   – ECOPACK® (RoHS compliant)



 




Similar Part No. - M50FW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K STMICROELECTRONICS-M50FW002K Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1 STMICROELECTRONICS-M50FW002K1 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1T STMICROELECTRONICS-M50FW002K1T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K5T STMICROELECTRONICS-M50FW002K5T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
More results


Similar Description - M50FW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50LPW080 STMICROELECTRONICS-M50LPW080 Datasheet
272Kb / 44P
8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
02-Aug-2004
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M29W800DT70N1 STMICROELECTRONICS-M29W800DT70N1 Datasheet
651Kb / 41P
8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 3V Supply Flash Memory
23-Apr-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com