Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29W017D Datasheet (PDF) - STMicroelectronics

M29W017D Datasheet PDF - STMicroelectronics
Part # M29W017D
Download  M29W017D Download
File Size   251.06 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory

M29W017D Datasheet (PDF)

Go To PDF Page Download Datasheet
M29W017D Datasheet PDF - STMicroelectronics

Part # M29W017D
Download  M29W017D Click to download

File Size   251.06 Kbytes
Page   36 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory

M29W017D Datasheet (HTML) - STMicroelectronics


M29W017D Product details

SUMMARY DESCRIPTION
The M29W017D is a 16 Mbit (2Mb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7 to 3.6V) supply. On power-up the memory defaults to its Read mode where it can be read in the same way as a ROM or EPROM.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
   – VCC = 2.7V to 3.6V for Program, Erase and Read
■ ACCESS TIME: 70, 90ns
■ PROGRAMMING TIME
   – 10µs per Byte typical
■ 32 UNIFORM 64 KByte MEMORY BLOCKS
■ PROGRAM/ERASE CONTROLLER
   – Embedded Byte Program algorithms
■ ERASE SUSPEND and RESUME MODES
   – Read and Program another Block during Erase Suspend
■ UNLOCK BYPASS PROGRAM COMMAND
   – Faster Production/Batch Programming
■ TEMPORARY BLOCK UNPROTECTION MODE
■ COMMON FLASH INTERFACE
   – 64 bit Security Code
■ LOW POWER CONSUMPTION
   – Standby and Automatic Standby
■ 100,000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 20h
   – Device Code: C8h




Similar Part No. - M29W017D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W010B45K1 STMICROELECTRONICS-M29W010B45K1 Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W010B45K1E STMICROELECTRONICS-M29W010B45K1E Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W010B45K1F STMICROELECTRONICS-M29W010B45K1F Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M29W010B45K1T STMICROELECTRONICS-M29W010B45K1T Datasheet
406Kb / 19P
1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
More results


Similar Description - M29W017D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M50FW016 STMICROELECTRONICS-M50FW016 Datasheet
673Kb / 45P
16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
12-Jul-2004
M58LW032A STMICROELECTRONICS-M58LW032A Datasheet
856Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
11-Feb-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M29W160ET STMICROELECTRONICS-M29W160ET Datasheet
665Kb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
logo
Numonyx B.V
M29W160ET NUMONYX-M29W160ET Datasheet
1Mb / 40P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
logo
Numonyx B.V
M29W160ET70N3E NUMONYX-M29W160ET70N3E Datasheet
813Kb / 42P
16 Mbit (2Mb x8 or 1Mb x16, Boot Block) 3V Supply Flash Memory
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com