Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW016 Datasheet (PDF) - STMicroelectronics

M50FW016 Datasheet PDF - STMicroelectronics
Part # M50FW016
Download  M50FW016 Download
File Size   673.86 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW016 Datasheet (PDF)

Go To PDF Page Download Datasheet
M50FW016 Datasheet PDF - STMicroelectronics

Part # M50FW016
Download  M50FW016 Click to download

File Size   673.86 Kbytes
Page   45 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory

M50FW016 Datasheet (HTML) - STMicroelectronics


M50FW016 Product details

SUMMARY DESCRIPTION
The M50FW016 is a 16 Mbit (2Mb x8) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (3.0 to 3.6V) supply. For fast programming and fast erasing, an optional 12V power supply can be used to reduce the programming and the erasing times.
The memory is divided into blocks that can be erased independently so it is possible to preserve valid data while old data is erased. Blocks can be protected individually to prevent accidental Program or Erase commands from modifying the memory. Program and Erase commands are written to the Command Interface of the memory. An on-chip Program/Erase Controller simplifies the process of programming or erasing the memory by taking care of all of the special operations that are required to update the memory contents. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards.

FEATURES SUMMARY
■ SUPPLY VOLTAGE
   – VCC = 3 V to 3.6 V for Program, Erase and Read Operations
   – VPP = 12 V for Fast Program and Fast Erase
■ TWO INTERFACES
   – Firmware Hub (FWH) Interface for embedded operation with PC Chipsets
   – Address/Address Multiplexed (A/A Mux)
      Interface for programming equipment compatibility
■ FIRMWARE HUB (FWH) HARDWARE INTERFACE MODE
   – 5 Signal Communication Interface supporting Read and Write Operations
   – Hardware Write Protect Pins for Block Protection
   – Register Based Read and Write Protection
   – 5 Additional General Purpose Inputs for platform design flexibility
   – Multi-byte Read Operation (4/16/128-byte)
   – Synchronized with 33 MHz PCI clock
■ BYTE PROGRAMMING TIME
   – Single Byte Mode: 10µs (typical)
   – Quadruple Byte Mode: 2.5µs (typical)
■ 32 UNIFORM 64 Kbyte MEMORY BLOCKS
■ PROGRAM and ERASE SUSPEND
   – Read other Blocks during Program/Erase Suspend
   – Program other Blocks during Erase Suspend
■ FOR USE in PC BIOS APPLICATIONS
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 20h
   – Device Code: 2Eh




Similar Part No. - M50FW016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K STMICROELECTRONICS-M50FW002K Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1 STMICROELECTRONICS-M50FW002K1 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K1T STMICROELECTRONICS-M50FW002K1T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW002K5T STMICROELECTRONICS-M50FW002K5T Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
More results


Similar Description - M50FW016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
10-Nov-2004
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M29F016D STMICROELECTRONICS-M29F016D Datasheet
536Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
15-Jul-2003
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com