Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6414A Datasheet (PDF) - Alpha & Omega Semiconductors

6414A Datasheet PDF - Alpha & Omega Semiconductors
Part # 6414A
Download  6414A Download
File Size   273.85 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

6414A Datasheet (PDF)

Go To PDF Page Download Datasheet
6414A Datasheet PDF - Alpha & Omega Semiconductors

Part # 6414A
Download  6414A Click to download

File Size   273.85 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

6414A Datasheet (HTML) - Alpha & Omega Semiconductors




Similar Part No. - 6414A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
6414 ALPHAWIRE-6414 Datasheet
72Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
logo
Presto International UK...
64140 PRESTO-64140 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
WERMA Signaltechnik Gmb...
64140000 WERMA-64140000 Datasheet
58Kb / 1P
Permanent light element 641
2001-11-06
logo
Theben AG
6414300 THEBEN-6414300 Datasheet
1Mb / 4P
Time and light control Digital time switches
07/04/2025
logo
Tyco Electronics
641437-2 MACOM-641437-2 Datasheet
118Kb / 1P
MTA 156 POSTED CONNECTOR ASSEMBLY
More results


Similar Description - 6414A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com