Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR502EB Datasheet (PDF) - Rohm

2SCR502EB Datasheet PDF - Rohm
Part # 2SCR502EB
Download  2SCR502EB Download
File Size   1999.61 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 500mA 30V General purpose transistors

2SCR502EB Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR502EB Datasheet PDF - Rohm

Part # 2SCR502EB
Download  2SCR502EB Click to download

File Size   1999.61 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 500mA 30V General purpose transistors

2SCR502EB Datasheet (HTML) - Rohm




Similar Part No. - 2SCR502EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
More results


Similar Description - 2SCR502EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Rohm
2SAR502EB ROHM-2SAR502EB Datasheet
2Mb / 9P
PNP 500mA 30V General purpose transistors
2SAR502U3HZG ROHM-2SAR502U3HZG Datasheet
1Mb / 13P
PNP 500mA 30V General purpose transistors
2SCR502U3HZG ROHM-2SCR502U3HZG Datasheet
1Mb / 10P
NPN 500mA 30V General purpose transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
Rohm
2SAR502E3HZG ROHM-2SAR502E3HZG Datasheet
1Mb / 9P
PNP -500mA -30V General purpose transistors
20220721 - Rev.002
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
2SAR502E3 ROHM-2SAR502E3 Datasheet
2Mb / 10P
PNP 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com