Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR502EB Datasheet(PDF) 1 Page - Rohm

Part # 2SCR502EB
Description  NPN 500mA 30V General purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR502EB Datasheet(HTML) 1 Page - Rohm

  2SCR502EB Datasheet HTML 1Page - Rohm 2SCR502EB Datasheet HTML 2Page - Rohm 2SCR502EB Datasheet HTML 3Page - Rohm 2SCR502EB Datasheet HTML 4Page - Rohm 2SCR502EB Datasheet HTML 5Page - Rohm 2SCR502EB Datasheet HTML 6Page - Rohm 2SCR502EB Datasheet HTML 7Page - Rohm 2SCR502EB Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SCR502EB / 2SCR502UB
NPN 500mA 30V General purpose transistors
Datasheet
l
lOutline
Parameter
Value
EMT3F
UMT3F
VCEO
30V
 
 
 
 
IC
0.5A
2SCR502EB
2SCR502UB
SOT-416FL
SOT-323FL
                                           
l
lFeatures
1)General purpose.
2)Complementary PNP types :
 2SAR502EB(EMT3F)/2SAR502UB(UMT3F)
3)Collector current is large.
4)Low VCE(sat).
l
lInner circuit
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
                                           
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR502EB
EMT3F
1616
TL
180
8
3000
LW
2SCR502UB
UMT3F
2021
TL
180
8
3000
LW
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/7
20150730 - Rev.002


Similar Part No. - 2SCR502EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
More results

Similar Description - 2SCR502EB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Rohm
2SAR502EB ROHM-2SAR502EB Datasheet
2Mb / 9P
PNP 500mA 30V General purpose transistors
2SAR502U3HZG ROHM-2SAR502U3HZG Datasheet
1Mb / 13P
PNP 500mA 30V General purpose transistors
2SCR502U3HZG ROHM-2SCR502U3HZG Datasheet
1Mb / 10P
NPN 500mA 30V General purpose transistors
logo
AiT Semiconductor Inc.
2SD1007 AITSEMI-2SD1007 Datasheet
401Kb / 4P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
D882 AITSEMI-D882 Datasheet
554Kb / 5P
GENERAL PURPOSE TRANSISTORS NPN TRANSISTORS
REV1.1
logo
Rohm
2SAR502E3HZG ROHM-2SAR502E3HZG Datasheet
1Mb / 9P
PNP -500mA -30V General purpose transistors
20220721 - Rev.002
2SCR502E3HZG ROHM-2SCR502E3HZG Datasheet
1Mb / 9P
NPN 500mA 30V General purpose transistors
20220712 - Rev.001
2SAR502E3 ROHM-2SAR502E3 Datasheet
2Mb / 10P
PNP 500mA 30V General purpose transistors
20221201 - Rev.002
2SCR502E3 ROHM-2SCR502E3 Datasheet
2Mb / 10P
NPN 500mA 30V General purpose transistors
20221201 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com