Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC8110GR Datasheet (PDF) - NEC

UPC8110GR Datasheet PDF - NEC
Part # UPC8110GR
Download  UPC8110GR Download
File Size   42.3 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 GHz QUADRATURE MODULATOR

UPC8110GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC8110GR Datasheet PDF - NEC

Part # UPC8110GR
Download  UPC8110GR Click to download

File Size   42.3 Kbytes
Page   4 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1 GHz QUADRATURE MODULATOR

UPC8110GR Datasheet (HTML) - NEC


UPC8110GR Product details

DESCRIPTION
The µPC8110GR is a sillicon monolithic integrated circuit designed as 1 GHz direct quadrature modulator for digital mobile communication systems. This modulator housed in a 20 pin plastic SSOP that easy to install and contributes to miniaturizing the system.
The device has power save function and can operates 2.7 to 3.6 V supply voltage to realize low power consumption.

FEATURES
• Direct modulation range : 800 MHz to 1 GHz
• Supply voltage range : VCC = 2.7 to 3.6 V
• Low operation current : ICC = 24 mA typical @ VCC = 3 V
• Low phase difference due to digital phase shifter is adopted.
• 20 pin SSOP suitable for high density surface mounting.
• Low current sleep mode

APPLICATION
• Digital cellular phone (PDC, IS-54/IS-136, GSM etc..)




Similar Part No. - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR NEC-UPC8110GR Datasheet
248Kb / 28P
1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION
UPC8110GR NEC-UPC8110GR Datasheet
214Kb / 5P
UP-CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
189Kb / 20P
900 MHz BAND DIRECT QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
587Kb / 3P
UP CONVERTER WITH AGC FUNCTION QUADRATURE MODULATOR IC FOR DIGITAL MOBILE COMMUNICATION SYSTEMS
UPC8110GR NEC-UPC8110GR Datasheet
223Kb / 20P
Single Chip Transceiver Silicon MMIC for PHS
More results


Similar Description - UPC8110GR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
0.8 GHz-2.5 GHz Quadrature Modulator
REV.0
logo
Agere Systems
W3011 AGERE-W3011 Datasheet
199Kb / 12P
1 GHz Quadrature Modulator
logo
Texas Instruments
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
TRF3702 TI-TRF3702_07 Datasheet
489Kb / 35P
1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
NEC
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
1 GHz QUADRATURE MODULATOR
logo
Texas Instruments
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346ARUZ AD-AD8346ARUZ Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com