Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR586D3 Datasheet (PDF) - Rohm

2SCR586D3 Datasheet PDF - Rohm
Part # 2SCR586D3
Download  2SCR586D3 Download
File Size   1721.68 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 80V Power Transistor

2SCR586D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR586D3 Datasheet PDF - Rohm

Part # 2SCR586D3
Download  2SCR586D3 Click to download

File Size   1721.68 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 80V Power Transistor

2SCR586D3 Datasheet (HTML) - Rohm




Similar Part No. - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SCR586D3 DGNJDZ-2SCR586D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Rohm
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results


Similar Description - 2SCR586D3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
PNP -5.0A -80V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
NPN 5.0A 80V Middle Power Transistor
2SAR586D3 ROHM-2SAR586D3 Datasheet
1Mb / 11P
PNP -5.0A -80V Power Transistor
2SCR572D3 ROHM-2SCR572D3 Datasheet
1Mb / 11P
NPN 5.0A 30V Power Transistor
2SCR574D3 ROHM-2SCR574D3 Datasheet
1Mb / 11P
NPN 2.0A 80V Power Transistor
2SAR586D3FRA ROHM-2SAR586D3FRA Datasheet
1Mb / 10P
PNP -5.0A -80V Power Transistor
2SCR572D3FRA ROHM-2SCR572D3FRA Datasheet
1Mb / 10P
NPN 5.0A 30V Power Transistor
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR586JFRG ROHM-2SCR586JFRG Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com