Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR586D Datasheet (PDF) - Rohm

2SCR586D Datasheet PDF - Rohm
Part # 2SCR586D
Download  2SCR586D Download
File Size   1513.25 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 80V Middle Power Transistor

2SCR586D Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR586D Datasheet PDF - Rohm

Part # 2SCR586D
Download  2SCR586D Click to download

File Size   1513.25 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 5.0A 80V Middle Power Transistor

2SCR586D Datasheet (HTML) - Rohm




Similar Part No. - 2SCR586D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SCR586D ISC-2SCR586D Datasheet
268Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
logo
Nanjing International G...
2SCR586D3 DGNJDZ-2SCR586D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Rohm
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
More results


Similar Description - 2SCR586D

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR572D ROHM-2SCR572D Datasheet
795Kb / 7P
NPN 5.0A 30V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SAR586D ROHM-2SAR586D Datasheet
1Mb / 9P
PNP -5.0A -80V Middle Power Transistor
2SCR542PFRA ROHM-2SCR542PFRA Datasheet
1Mb / 9P
NPN 5.0A 30V Middle Power Transistor
2SCR586D3 ROHM-2SCR586D3 Datasheet
1Mb / 11P
NPN 5.0A 80V Power Transistor
2SCR586D3FRA ROHM-2SCR586D3FRA Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR586JFRG ROHM-2SCR586JFRG Datasheet
1Mb / 10P
NPN 5.0A 80V Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SCR572DFHG ROHM-2SCR572DFHG Datasheet
1Mb / 8P
NPN 5.0A 30V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com