Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR564F3 Datasheet (PDF) - Rohm

2SCR564F3 Datasheet PDF - Rohm
Part # 2SCR564F3
Download  2SCR564F3 Download
File Size   1551.32 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 4A 80V Middle Power Transistor

2SCR564F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR564F3 Datasheet PDF - Rohm

Part # 2SCR564F3
Download  2SCR564F3 Click to download

File Size   1551.32 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 4A 80V Middle Power Transistor

2SCR564F3 Datasheet (HTML) - Rohm


2SCR564F3 Product details

Features
1) Suitable for Middle Power Driver.
2) Low VCE(sat)
   VCE(sat)=300mV(Max.).
   (IC/IB=2A/100mA)
3) High collector current.
   IC=4A(max),ICP=8A(max)
4) Leadless small SMD package (HUML2020L3)
   Excellent thermal and electrical conductivity.

Application
   LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SCR564F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results


Similar Description - 2SCR564F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
Power Transistor (-80V, -4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
Power Transistor (-80V, -4A)
2SCR574D ROHM-2SCR574D Datasheet
803Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
NPN 5.0A 80V Middle Power Transistor
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -0.7A)
2SAR564F3 ROHM-2SAR564F3 Datasheet
1Mb / 9P
PNP -4A -80V Middle Power Transistor
2SCR514RHZG ROHM-2SCR514RHZG Datasheet
1Mb / 9P
NPN 0.7A 80V Middle Power Transistor
20190314 - Rev.001
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
Power Transistor (80V, 4A)
2SCR514PHZG ROHM-2SCR514PHZG Datasheet
1Mb / 9P
Middle Power Transistor (80V / 0.7A)
20181012 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com