Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR563F3 Datasheet (PDF) - Rohm

2SCR563F3 Datasheet PDF - Rohm
Part # 2SCR563F3
Download  2SCR563F3 Download
File Size   1534.07 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 6A 50V Middle Power Transistor

2SCR563F3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR563F3 Datasheet PDF - Rohm

Part # 2SCR563F3
Download  2SCR563F3 Click to download

File Size   1534.07 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 6A 50V Middle Power Transistor

2SCR563F3 Datasheet (HTML) - Rohm


2SCR563F3 Product details

Features
1) Suitable for Middle Power Driver.
2) Low VCE(sat)
   VCE(sat)=350mV(Max.).
   (IC/IB=3A/150mA)
3) High collector current.
   IC=6A(max),ICP=12A(max)
4) Leadless small SMD package (HUML2020L3)
   Excellent thermal and electrical conductivity.

Application
   LOW FREQUENCY AMPLIFIER




Similar Part No. - 2SCR563F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results


Similar Description - 2SCR563F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-50V / -2A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 1A)
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
PNP -6A -50V Middle Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com