Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR563F3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR563F3
Description  NPN 6A 50V Middle Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR563F3 Datasheet(HTML) 1 Page - Rohm

  2SCR563F3 Datasheet HTML 1Page - Rohm 2SCR563F3 Datasheet HTML 2Page - Rohm 2SCR563F3 Datasheet HTML 3Page - Rohm 2SCR563F3 Datasheet HTML 4Page - Rohm 2SCR563F3 Datasheet HTML 5Page - Rohm 2SCR563F3 Datasheet HTML 6Page - Rohm 2SCR563F3 Datasheet HTML 7Page - Rohm 2SCR563F3 Datasheet HTML 8Page - Rohm 2SCR563F3 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SCR563F3
NPN 6A 50V Middle Power Transistor
Datasheet
l
lOutline
Parameter
Value
  DFN2020-3S
 
 
 
VCEO
50V
 
 
IC
6A
 
 
HUML2020L3
 
l
lFeatures
l
lInner circuit
1) Suitable for Middle Power Driver.
2) Low VCE(sat)
  VCE(sat)=350mV(Max.).
  (IC/IB=3A/150mA)
3) High collector current.
  IC=6A(max),ICP=12A(max)
4) Leadless small SMD package (HUML2020L3)
  Excellent thermal and electrical conductivity.
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Taping
code
Reel size
(mm)
Tape width
(mm)
Quantity
(pcs)
Marking
2SCR563F3
DFN2020-3S
(HUML2020L3)
TR
180
8
3000
NE
                                                                                         
www.rohm.com
© 2020 ROHM Co., Ltd. All rights reserved.
1/6
20200722 - Rev.001


Similar Part No. - 2SCR563F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results

Similar Description - 2SCR563F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR533PT100 ROHM-2SCR533PT100 Datasheet
384Kb / 8P
NPN 3.0A 50V Middle Power Transistor
2SCR553PT100 ROHM-2SCR553PT100 Datasheet
344Kb / 7P
NPN 2.0A 50V Middle Power Transistor
2SCR573D ROHM-2SCR573D Datasheet
800Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR573DA08 ROHM-2SCR573DA08 Datasheet
804Kb / 7P
NPN 3.0A 50V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-50V / -2A)
2SCR513PFRA ROHM-2SCR513PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 1A)
2SAR563F3 ROHM-2SAR563F3 Datasheet
1Mb / 9P
PNP -6A -50V Middle Power Transistor
2SCR513RHZG ROHM-2SCR513RHZG Datasheet
1Mb / 9P
NPN 1.0A 50V Middle Power Transistor
20181211 - Rev.001
2SCR573DFHG ROHM-2SCR573DFHG Datasheet
1Mb / 8P
NPN 3.0A 50V Middle Power Transistor
20161012 - Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com