Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR564F3 Datasheet(PDF) 2 Page - Rohm

Part # 2SCR564F3
Description  NPN 4A 80V Middle Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR564F3 Datasheet(HTML) 2 Page - Rohm

  2SCR564F3 Datasheet HTML 1Page - Rohm 2SCR564F3 Datasheet HTML 2Page - Rohm 2SCR564F3 Datasheet HTML 3Page - Rohm 2SCR564F3 Datasheet HTML 4Page - Rohm 2SCR564F3 Datasheet HTML 5Page - Rohm 2SCR564F3 Datasheet HTML 6Page - Rohm 2SCR564F3 Datasheet HTML 7Page - Rohm 2SCR564F3 Datasheet HTML 8Page - Rohm 2SCR564F3 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2SCR564F3
 
   
   
   
  
   
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
80
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
4
A
ICP*1
8
A
Power dissipation
PD*2
1.0
W
PD*3
2.1
W
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Collector-base breakdown
voltage
BVCBO
IC = 100μA
80
-
-
V
Collector-emitter breakdown
voltage
BVCEO
IC = 1mA
80
-
-
V
Emitter-base breakdown voltage
BVEBO
IE = 100μA
6
-
-
V
Collector cut-off current
ICBO
VCB = 80V
-
-
1
μA
Emitter cut-off current
IEBO
VEB = 4V
-
-
1
μA
Collector-emitter saturation voltage
VCE(sat)
*4 IC = 2A, IB = 100mA
-
100
300
mV
DC current gain
hFE*4
VCE = 3V, IC = 500mA
120
-
390
-
Transition frequency
fT
*4
VCE = 10V, IE = -500mA,
f = 100MHz
-
280
-
MHz
Output capacitance
Cob
VCB = 10V, IE = 0A,
f = 1MHz
-
25
-
pF
Turn-On time
ton
IC = 2A,
IB1 = 200mA,
IB2 = -200mA,
VCC ⋍ 10V,
RL = 4.99Ω
See test circuit
-
45
-
ns
Storage time
tstg
-
700
-
ns
Fall time
tf
-
150
-
ns
                                        
                              
*1 Pw=10ms Single Pulse
*2 Mounted on FR4 board(25.4×25.4×1.6mm, Cu PAD:645mm2).
*3 Pw=10ms
  Mounted on FR4 board(25.4×25.4×1.6mm, Cu PAD:645mm2).
*4 Pulsed
                                            
 
                                        
www.rohm.com
© 2020 ROHM Co., Ltd. All rights reserved.
2/6
20200722 - Rev.001



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com